Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 101Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 102Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 103Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 104Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 105Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 106Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 107Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 108Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-19. PINMUX0 Register Descriptions (continued)
Bit
Field Name
Description
Pins Controlled
Chip Select 3 Select.
Sub-Block 1
00 = GPIO pin (GP13) (default)
LCD_OE/EM_CS3/GP[13]
11:10
CS3SEL
01 = EMIFA Chip Select 3 (EM_CS3)
The PINMUX0 field CS3SEL alone controls the
10 = VENC LCD Output Enable (LCD_OE)
muxing of this pin.
11 = Reserved
Chip Select 4 Select.
Sub-Block 1
00 = GPIO pin (GP32) (default)
VSYNC/EM_CS4/GP[32]
9:8
CS4SEL
01 = EMIFA Chip Select 4 (EM_CS4)
The PINMUX0 field CS4SEL alone controls the
10 = VENC Vertical Sync (VSYNC)
muxing of this pin.
11 = Reserved
Chip Select 5 Select.
Sub-Block 1
00 = GPIO pin (GP33) (default)
HSYNC/EM_CS5/GP[33]
7:6
CS5SEL
01 = EMIFA Chip Select 5 (EM_CS5)
The PINMUX0 field CS5SEL alone controls the
10 = VENC Horizontal Sync (HSYNC)
muxing of this pin.
11 = Reserved
Sub-Block 1
VCLK/GP[31]
YOUT7/GP[29]
YOUT6/GP[28]
YOUT5/GP[27]
VENC Mode Select.
YOUT4/GP[26]
YOUT3/GP[25]
00 = No VENC supported.
YOUT2/GP[24]
9 pins function as GPIO (GP[31], GP[29:22]). The remaining 8 pins function as
YOUT1/GP[23]
GPIO/EMIFA based on AEM setting.
YOUT0/GP[22]
01 = 8-bit VENC supported.
The PINMUX0 field VENCSEL alone controls
5:4
VENCSEL
VENC VCLK, YOUT[7:0] functions are pinned out. The remaining 8 pins function
the muxing of these 9 pins.
as GPIO/EMIFA based on AEM setting.
COUT7/EM_D[7]/GP[21]
10 = 16-bit VENC supported.
COUT6/EM_D[6]/GP[20]
These pins function as VENC VCLK, YOUT[7:0], and COUT[7:0].
COUT5/EM_D[5]/GP[19]
Applicable only if AEM = 0 (000b), 3 (011b), 4 (100b).
COUT4/EM_D[4]/GP[18]
COUT3/EM_D[3]/GP[17]
11 = Reserved
COUT2/EM_D[2]/GP[16]
COUT1/EM_D[1]/GP[15]
COUT0/EM_D[0]/GP[14
The combination of PINMUX fields VENCSEL
and AEM control the muxing of these 8 pins.(1)
Reserved. For proper device operation, the user should only write "0" to this bit
3
RSV
(default).
Submit Documentation Feedback
Device Configurations
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com