Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 106 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 102Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 103Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 104Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 105Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 106Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 107Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 108Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 109Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 3-19. PINMUX0 Register Descriptions (continued)
Bit
Field Name
Description
Pins Controlled
Sub-Block 0
C_WE/EM_R/W/GP[35]
C_FIELD/EM_A[21]/GP[34]
CI7(CCD15)/EM_A[13]/AD25/EM_D[0]/GP[51]
CI6(CCD14)/EM_A[14]/AD27/EM_D[1]/GP[50]
CI5(CCD13)/EM_A[15]/AD29/EM_D[2]/GP[49]
CI4(CCD12)/EM_A[16]/PGNT/EM_D[3]/GP[48]
CI3(CCD11)/EM_A[17]/AD31/EM_D[4]/GP[47]
CI2(CCD10)/EM_A[18]/PRST/EM_D[5]/GP[46]
CI1(CCD9)/EM_A[19]/PREQ/EM_D[6]/GP[45]
EMIFA Pinout Modes
CI0(CCD8)/EM_A[20]/PINTA/EM_D[7]/GP[44]
This field does not affect the actual EMIFA operation. It only determines what
multiplexed pins in the EMIFA/VPSS Block serves as EMIFA pins.
Sub-Block 1
000b = No EMIFA Mode.
COUT7/EM_D[7]/GP[21]
None of the multiplexed pins in the EMIFA/VPSS Block serves as EMIFA pins.
COUT6/EM_D[6]/GP[20]
COUT5/EM_D[5]/GP[19]
001b = 8-bit EMIFA (Async) Pinout Mode 1.
COUT4/EM_D[4]/GP[18]
(Up to 16M-Byte address reach per Chip Select Space).
COUT3/EM_D[3]/GP[17]
Pinout allows up to a maximum of these functions from EMIFA/VPSS Block: 8-bit
COUT2/EM_D[2]/GP[16]
EMIFA (Async or NAND) + 16-bit CCDC (VPFE) + 8-bit VENC (VPBE)
COUT1/EM_D[1]/GP[15]
COUT0/EM_D[0]/GP[14]
010b = Reserved.
G0/EM_CS2/GP[12]
2:0
AEM(3)
011b = 8-bit EMIFA (Async) Pinout Mode 3.
B0/LCD_FIELD/EM_A[3]/GP[11]
(32K-Byte reach per Chip Select Space).
R0/EM_A[4]/GP[10]/(AEAW2/PLLMS2)
Pinout allows up to a maximum of these functions from EMIFA/VPSS Block: 8-bit
G1/EM_A[1]/(ALE)/GP[9]/(AEAW1/PLLMS1)
EMIFA (Async or NAND) + 8-bit CCDC (VPFE) + 16-bit VENC (VPBE)
B1/EM_A[2]/(CLE)/GP[8]/(AEAW0/PLLMS0)
R1/EM_A[0]/GP[7]/(AEM2)
100b = 8-bit EMIFA (NAND) Pinout Mode 4.
R2/EM_BA[0]/GP[6]/(AEM1)
Pinout allows up to a maximum of these functions from EMIFA/VPSS Block: 8-bit
B2/EM_BA[1]/GP[5]/(AEM0)
EMIFA (NAND) + 8-bit CCDC (VPFE) + 16-bit VENC (VPBE)
Sub-Block3
101b = 8-bit EMIFA (NAND) Pinout Mode 5.
Pinout allows up to a maximum of these functions from EMIFA/VPSS Block: 8-bit
EM_A[12]/PCBE3/GP[89]
EMIFA (NAND) + 16-bit CCDC (VPFE) + 8-bit VENC (VPBE)
EM_A[11]/AD24/GP[90]
EM_A[10]/AD23/GP[91]
110b through 111b = Reserved
EM_A[9]/PIDSEL/GP[92]
EM_A[8]/AD21/GP[93]
EM_A[7]/AD22/GP[94]
EM_A[6]/AD20/GP[95]
EM_A[5]/AD19/GP[96]
The pin mux for these pins are controlled by a
combination of AEM and other PINMUX0 fields,
including CWENSEL, CFLDSEL, AEAW,
PCIEN, CI76SEL, CI54SEL, CI32SEL,
CI10SEL, VENCSEL, and RGBSEL. (1)
(3)
The AEM default value is latched at reset from AEM[2:0] configuration inputs. The latched values are also shown at BOOTCFG.DAEM
(read-only).
106
Device Configurations
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com