Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 110 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 106Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 107Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 108Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 109Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 110Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 111Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 112Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 113Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 3-20. PINMUX1 Register Descriptions (continued)
Bit
Field Name
Description
Pins Controlled
Host Block:
See list of 27 pins in HOSTBK bit field
description
PCI Data Block:
AD26
AD28
AD30
GPIO Block:
AD0/GP[0]
AD1/GP[1]
PCI Enable.
AD2/GP[2]
AD4/GP[3]
The PINMUX1.PCIEN reflects the state of the PCIEN pin. PINMUX1.PCIEN is
read only and cannot be modified by software. For proper device
EMIFA/VPSS Sub-Block 0*:
operation, the user must hold the desired setting at the PCIEN pin
CI7(CCD15)/EM_A[13]/AD25/EM_D[0]/GP[51]
throughout device operation.
CI6(CCD14)/EM_A[14]/AD27/EM_D[1]/GP[50]
CI5(CCD13)/EM_A[15]/AD29/EM_D[2]/GP[49]
PCIEN = 0: No PCI supported. Internal pullup/pulldown (IPU/IPD) on these pins
CI4(CCD12)/EM_A[16]/PGNT/EM_D[3]/GP[48]
are enabled.
CI3(CCD11)/EM_A[17]/AD31/EM_D[4]/GP[47]
For PCI multiplexed pins in the GPIO Block, when PCIEN = 0, the pins function
CI2(CCD10)/EM_A[18]/PRST/EM_D[5]/GP[46]
as GPIO (GP[3:0]).
CI1(CCD9)/EM_A[19]/PREQ/EM_D[6]/GP[45]
For PCI multiplexed pins in the Host Block, refer to PINMUX1.HOSTBK field for
CI0(CCD8)/EM_A[20]/PINTA/EM_D[7]/GP[44]
0
PCIEN
the actual pin functions.
EMIFA/VPSS Sub-Block 3*:
For PCI multiplexed pins in the EMIFA/VPSS Block, refer to PINMUX0.AEM,
EM_A[12]/PCBE3/GP[89]
AEAW, CI76SEL, CI54SEL, CI32SEL, and CI10SEL fields for the actual pin
EM_A[11]/AD24/GP[90]
functions.
EM_A[10]/AD23/GP[91]
For PCI pins in the PCI Data Block, when PCIEN = 0, the pins have no function
EM_A[9]/PIDSEL/GP[92]
and should be left unconnected.
EM_A[8]/AD21/GP[93]
PCIEN = 1: PCI supported. Internal pullup/pulldown (IPU/IPD) on all PCI pins
EM_A[7]/AD22/GP[94]
are disabled.
EM_A[6]/AD20/GP[95]
EM_A[5]/AD19/GP[96]
All pins function as PCI pins.
Applicable only for PINMUX0.AEM = 000b or 101b.
The pin mux for the EMIFA/VPSS Sub-Block 0
and EMIFA/VPSS Sub-Block 3 pins are
controlled by a combination of PCIEN and other
PINMUX0/1 fields, including HOSTBK, AEM,
AEAW, CI76SEL, CI54SEL, CI32SEL, and
CI10SEL. See Section 3.7.3.13.7, EMIFA/VPSS
Block Pin-By-Pin Multiplexing Summary, for the
full set of valid configurations of EMIFA/VPSS
Block pins.
For the full set of valid configurations of Host
Block pins, see Section 3.7.3.3, Host Block
Muxing.
Device Configurations
110
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com