Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 107 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 103Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 104Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 105Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 106Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 107Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 108Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 109Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 110Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 306 page
background image
3.7.2.2 PINMUX1 Register Description
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
The Pin Multiplexing 1 Register (PINMUX1) controls the pin multiplexing of all Pin Mux Blocks. The
PINMUX1 register format is shown in Figure 3-13 and the bit field descriptions are given in Table 3-20.
Some muxed pins are controlled by more than one PINMUX bit field. For the combination of PINMUX bit
fields that control each muxed pin, see Section 3.7.3.1, Multiplexed Pins on DM6437.
31
26
25
24
23
22
21
20
19
18
17
16
RESERVED
SPBK1
SPBK0
TIM1BK
RSV
TIM0BK
R/W-0000 00
R/W-00
R/W-00
R/W-00
R/W-00
R/W-00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PWM1B
CKOBK
RSV
UR0FCBK
RSV
UR0DBK
RSV
HOSTBK
RESERVED
PCIEN
K
R/W-01
R/W-0
R/W-0
R/W-00
R/W-0
R/W-0
R/W-0
R/W-000
R/W-000
R-P
LEGEND: R/W = Read/Write; R = Read only; P = specified pin state; -n = value after reset
(1) For proper DM6437 device operation, always write a value of "0" to all RESERVED/RSV bits.
Figure 3-13. PINMUX1 Register— 0x01C4 0004 (1)
Table 3-20. PINMUX1 Register Descriptions
Bit
Field Name
Description
Pins Controlled
Reserved. For proper device operation, the user should only write "0" to this bit
31:26
RESERVED
–
(default).
Serial Port Sub-Block 1 Pin Select.
Selects the function of the multiplexed pins in the Serial Port Sub-Block 1.
00 = GPIO Mode (default).
Pins function as GPIO (GP[110:105]).
Serial Port Sub-Block 1:
AXR0[0]/FSR1/GP[105]
01 = McBSP1 Mode.
ACLKX0/CLKX1/GP[106]
Pins function as McBSP1: CLKX1, FSX1, DX1, CLKR1, FSR1, and DR1.
25:24
SPBK1
AFSX0/DX1/GP[107]
AHCLKX0/CLKR1/GP[108]
10 = McASP0 Transmit and 1 serializer.
AMUTEIN0/FSX1/GP[109]
Pins function as McASP0: AXR0[0], ACLKX0, AFSX0, AHCLKX0, AMUTEIN0,
AMUTE0/DR1/GP[110]
and AMUTE0.
11 = McBSP1 Transmit + McASP0 SPDIF Mode.
Pins function as McBSP1 transmit (CLKX1, FSX1, DX1) and McASP0 SPDIF
(AXR0[0], AHCLKX0, AMUTE0).
Serial Port Sub-Block 0 Pin Select.
Selects the function of the multiplexed pins in the Serial Port Sub-Block 0.
00 = GPIO Mode (default).
Serial Port Sub-Block 0:
Pins function as GPIO (GP[104:99]).
ACLKR0/CLKX0/GP[99]
AFSR0/DR0/GP[100]
01 = McBSP0 Mode.
23:22
SPBK0
AHCLKR0/CLKR0/GP[101]
Pins function as McBSP0 CLKX0, FSX0, DX0, CLKR0, FSR0, and DR0.
AXR0[3]/FSR0/GP[102]
AXR0[2]/FSX0/GP[103]
10 = McASP0 Receive and 3 serializers.
AXR0[1]/DX0/GP[104]
Pins function as McASP0 ACLKR0, AFSR0, AHCLKR0, AXR0_3, AXR0_2, and
AXR0_1.
11 = Reserved
Timer1 Block Pin Select.
Selects the function of the multiplexed pins in theTimer1 Block.
00 = GPIO Mode (default).
Pins function as GPIO (GP[56:55]).
Timer1 Block:
01 = Timer1 Mode.
21:20
TIM1BK
HECC_RX/TINP1L/URXD1/GP[56]
Pins function as Timer1 TINP1L and TOUT1L.
HECC_TX/TOUT1L/UTXD1/GP[55]
10 = UART1 Data Mode.
Pins function as UART1 data pins URXD1 and UTXD1.
11 = HECC Mode.
Pins function as HECC HECC_RX and HECC_TX.
Submit Documentation Feedback
Device Configurations
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com