Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 99Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 100Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 101Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 102Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 103Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 104Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 105Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 106Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-19. PINMUX0 Register Descriptions (continued)
Bit
Field Name
Description
Pins Controlled
CI[3:2] Function Select.
Sub-Block 0
0 = No CCDC CI[3:2].
Pins function as PCI or GPIO or EMIFA based on AEM, AEAW, and PCIEN
CI3(CCD11)/EM_A[17]/AD31/EM_D[4]/GP[47]
settings (default).
CI2(CCD10)/EM_A[18]/PRST/EM_D[5]/GP[46]
28
CI32SEL
1 = Selects CCDC [3:2] (as CCD10 and CCD11, respectively) to get at least a
The combination of PINMUX0/1 fields AEM,
12-bit CCDC.
AEAW, PCIEN, and CI32SEL bits control the
To use the 12-bit CCDC, the user must also configure PINMUX0.CCDCSEL = 1
pin muxing of these 2 pins. (1)
and PINMUX0.CI10SEL = 1.
Not applicable (N/A) for AEM = 3 (011b), 4 (100b), or PCIEN = 1.
Reserved. For proper device operation, the user should only write "0" to this bit
27
RSV
(default).
CI[5:4] Function Select.
Sub-Block 0
0 = No CCDC CI[5:4].
Pins function as PCI or GPIO or EMIFA based on AEM, AEAW, and PCIEN
CI5(CCD13)/EM_A[15]/AD29/EM_D[2]/GP[49]
settings (default).
CI4(CCD12)/EM_A[16]/PGNT/EM_D[3]/GP[48]
26
CI54SEL
1 = Selects CCDC [5:4] (as CCD12 and CCD13, respectively) to get at least a
The combination of PINMUX0/1 fields AEM,
14-bit CCDC.
AEAW, PCIEN, and CI54SEL bits control the
To use the 14-bit CCDC, the user must also configure PINMUX0.CCDCSEL = 1,
pin muxing of these 2 pins.(1)
PINMUX0.CI10SEL = 1, and PINMUX0.CI32SEL = 1.
Not applicable (N/A) for AEM = 3 (011b), 4 (100b), or PCIEN = 1.
CI[7:6] Function Select.
Sub-Block 0
0 = No CCDC CI[7:6].
Pins function as PCI or GPIO or EMIFA based on AEM, AEAW, and PCIEN
CI7(CCD15)/EM_A[13]/AD25/EM_D[0]/GP[51]
settings (default).
CI6(CCD14)/EM_A[14]/AD27/EM_D[1]/GP[50]
25
CI76SEL
1 = Selects CCDC [7:6] (as CCD14 and CCD15, respectively) to get at least a
The combination of PINMUX0/1 fields AEM,
16-bit CCDC.
AEAW, PCIEN, and CI76SEL bits control the
To use the 16-bit CCDC, the user must also configure PINMUX0.CCDCSEL = 1,
pin muxing of these 2 pins.(1)
PINMUX0.CI10SEL = 1, PINMUX0.CI32SEL = 1, and PINMUX0.CI54SEL = 1.
Not applicable (N/A) for AEM = 3 (011b), 4 (100b), or PCIEN = 1.
Sub-Block 0
CCDC Field Select.
C_FIELD/EM_A[21]/GP[34]
0 = No CCDC Field (C_FIELD).
24
CFLDSEL
Pin functions as EMIFA EM_A[21] or GPIO based on AEM setting (default).
The combination of PINMUX0/1 fields
CFLDSEL and AEM control the muxing of this
1 = CCDC Field (C_FIELD).
pin. (1)
CCDC Write Enable Select.
Sub-Block 0
0 = No CCDC Write Enable.
Pin functions as EMIFA EM_R/W or GPIO based on AEM setting (default).
C_WE/EM_R/W/GP[35]
23
CWENSEL
1 = CCDC Write Enable (C_WE).
The combination of PINMUX0 fields CWENSEL
Pin functions as CCDC Write Enable C_WE.
and AEM control the muxing of this pin. (1)
Applicable only for AEM = 0 (000b), 4 (100b), or 5 (101b).
Sub-Block 0
CCDC HD and VD Select.
VD/GP[53]
0 = No CCDC HD and VD.
22
HVDSEL
HD/GP[52]
Pins function as GPIO (GP[53] and GP[52]) (default).
The PINMUX0 field HVDSEL alone controls the
1 = CCDC HD and VD.
muxing of these 2 pins.
Reserved. For proper device operation, the user should only write "0" to this bit
21
RSV
(default).
Sub-Block 0
PCLK/GP[54]
YI7(CCD7)/GP[43]
CCDC Select.
YI6(CCD6)/GP[42]
This bit field determines if CCDC is supported or not.
YI5(CCD5)/GP[41]
0 = CCDC not supported.
YI4(CCD4)/GP[40]
20
CCDCSEL
Pins function as GPIO (GP[54] and GP[43:36]) (default).
YI3(CCD3)/GP[39]
YI2(CCD2)/GP[38]
1 = CCDC supported.
YI1(CCD1)/GP[37]
Pins function as CCDC PCLK, YI[7:0].
YI0(CCD0)/GP[36]
The PINMUX0 field CCDCSEL alone controls
the muxing of these 9 pins.
Reserved. For proper device operation, the user should only write "0" to this bit
19
RSV
(default).
Submit Documentation Feedback
Device Configurations
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com