Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 98Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 99Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 100Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 101Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 102Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 103Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 104Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 105Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 306 page
background image
3.7.2
Pin Muxing Selection After Reset
3.7.2.1 PINMUX0 Register Description
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
The PINMUX0 and PINMUX1 registers in the System Module allow software to select the pin functions in
the Pin Mux Blocks. The pin control of some of the Pin Mux Blocks requires a combination of
PINMUX0/PINMUX1 bit fields. For more details on the combination of the PINMUX bit fields that control
each muxed pin, see Section 3.7.3.1, Multiplexed Pins on DM6437.
This section only provides an overview of the PINMUX0 and PINMUX1 registers. For more detailed
discussion on how to program each Pin Mux Block, see Section 3.7.3, Pin Multiplexing Details.
The Pin Multiplexing 0 Register (PINMUX0) controls the pin function in the EMIFA/VPSS Block. The
PINMUX0 register format is shown in Figure 3-12 and the bit field descriptions are given in Table 3-19.
Some muxed pins are controlled by more than one PINMUX bit field. For the combination of the PINMUX
bit fields that control each muxed pin, see Section 3.7.3.1, Multiplexed Pins on DM6437. For more
information on EMIFA/VPSS Block pin muxing, see Section 3.7.3.13, EMIFA/VPSS Block Muxing. For the
pin-by-pin muxing control of the EMIFA/VPSS Block, see Section 3.7.3.13.7, EMIFA/VPSS Block
Pin-By-Pin Multiplexing Summary.
Note: In addition to PINMUX0 bit fields, the EMIFA/VPSS Block also requires the PCIEN bit in the Pin
Multiplexing 1 Register (PINMUX1, Section 3.7.2.2) to determine the PCI settings.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
CFLDSE
CWEN
CCDCSE
RSV
CI10SEL
RSV
CI32SEL
RSV
CI54SEL
CI76SEL
HVDSEL
RSV
RSV
AEAW
L
SEL
L
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-LLL
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
VPBE
RGBSEL
CS3SEL
CS4SEL
CS5SEL
VENCSEL
RSV
AEM
CKEN
R/W-0
R/W-000
R/W-00
R/W-00
R/W-00
R/W-00
R/W-0
R/W-LLL
LEGEND: R/W = Read/Write; R = Read only; L = pin state latched at reset rising edge; -n = value after reset
(1) For proper DM6437 device operation, always write a value of "0" to all RESERVED/RSV bits.
Figure 3-12. PINMUX0 Register— 0x01C4 0000 (1)
Table 3-19. PINMUX0 Register Descriptions
Bit
Field Name
Description
Pins Controlled
Reserved. For proper device operation, the user should only write "0" to this bit
31
RSV
(default).
CI[1:0] Function Select.
Sub-Block 0
0 = No CCDC CI[1:0].
CI1(CCD9)/EM_A[19]/PREQ/EM_D[6]/GP[45]
Pins function as PCI or GPIO or EMIFA based on AEM, AEAW, and PCIEN
settings (default).
CI0(CCD8)/EM_A[20]/PINTA/EM_D[7]/GP[44]
30
CI10SEL
1 = Selects CCDC [1:0] (as CCD8 and CCD9, respectively) to get at least a 10-bit
The combination of PINMUX0/1 fields AEM,
CCDC.
AEAW, PCIEN, and CI10SEL bits control the
To use the 10-bit CCDC, the user must also configure PINMUX0.CCDCSEL = 1.
pin muxing of these 2 pins. (1)
Not applicable (N/A) for AEM = 3 (011b), 4 (100b), or PCIEN = 1.
Reserved. For proper device operation, the user should only write "0" to this bit
29
RSV
(default).
(1)
For the full set of valid configurations of these pins, see Section 3.7.3.13.7, EMIFA/VPSS Block Pin-By-Pin Multiplexing Summary.
102
Device Configurations
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com