Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 75Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 76Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 77Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 78Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 79Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 80Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 81Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 82Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 306 page
background image
3.3.2
VPSS Clocks
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
The Video Processing SubSystem (VPSS) clocks are controlled via the VPSS_CLKCTL register. The
VPSS_CLKCTL register format is shown in Figure 3-2 and the bit field descriptions are given in Table 3-4.
31
16
RESERVED
R-0000 0000 0000 0000
15
5
4
3
2
1
0
DAC
VEN
PCLK
RESERVED
MUXSEL
CLKEN
CLKEN
INV
R-0000 0000 000
R/W-0
R/W-0
R/W-0
R/W-00
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-2. VPSS_CLKCTL Register— 0x01C4 0044
Table 3-4. VPSS_CLKCTL Register Description
BIT
NAME
DESCRIPTION
31:5
RESERVED
Reserved. Read-only, writes have no effect.
Video DAC clock enable.
4
DACCLKEN
0 = DAC clock disabled [default].
1 = DAC clock enabled.
Video Encoder clock enable.
3
VENCLKEN
0 = VENC clock disabled [default].
1 = VENC clock enabled.
PCLK polarity
2
PCLKINV
0 = VPSS receives normal PCLK [default].
1 = VPSS receives inverted PCLK.
VPBE (Video Encoder and DAC) clock selection
SETTING
VENC CLK
DAC CLK
00 [default]
27 MHz(a)
27 MHz(a)
01
54 MHz(b)
54 MHz(b)
1:0
MUXSEL(1)(2)
10
VPBECLK Input
VPBECLK Input
11
PCLK (or Inverted PCLK)
OFF
(a) The 27-MHz clock comes from PLLC1 SYSCLKBP.
(b) The 54-MHz clock comes from PLLC2 PLL2_SYSCLK2.
(1)
MUXSEL = 00 selects PLLC1 SYSCLKBP as the clock source to the VPBE. The PLLC1 SYSCLKBP is a 27-MHz clock if the following
settings are true:
a.
MXI/CLKIN clock source is 27 MHz.
b.
PLLC1 Bypass Divider Register (BPDIV) is left at the default setting of divide-by-1.
(2)
MUXSEL = 01 selects PLLC2 PLL2_SYSCLK2 as the clock source to the VPBE. The PLLC2 PLL2_SYSCLK2 is a 54-MHz clock if the
following settings are true:
a.
MXI/CLKIN clock source is 27 MHz.
b.
PLLC2 is in PLL Mode with multiplier x20 to generate a PLL output clock of 27 MHz x 20 = 540 MHz.
c.
PLLDIV2.RATIO is left at the default setting of divide-by-10 to generate SYSCLK2 = 54 MHz.
For more details on the different methods and software sequence to clock (gate) the VPBE components,
see the TMS320DM643x DMP Video Processing Back End (VPBE) User’s Guide (literature number
SPRU952).
Submit Documentation Feedback
Device Configurations
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com