Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 1 Page - Texas Instruments

  TNETV1644ZDU6 Datasheet HTML 1Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 2Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 3Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 4Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 5Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 6Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 7Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 8Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 306 page
background image
1
TMS320DM6437 Digital Media Processor
1.1 Features
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
256K-Bit (32K-Byte) L1P Program
• High-Performance Digital Media Processor
RAM/Cache [Flexible Allocation]
(DM6437)
2.5-, 2.-, 1.67-, 1.51-, 1.43-ns Instruction
Cycle Time
640K-Bit (80K-Byte) L1D Data RAM/Cache
[Flexible Allocation]
400-, 500-, 600, 660-, 700-MHz C64x+™
Clock Rate
1M-Bit (128K-Byte) L2 Unified Mapped
RAM/Cache [Flexible Allocation]
Eight 32-Bit C64x+ Instructions/Cycle
3200, 4000, 4800, 5280, 5600 MIPS
• Supports Little Endian Mode Only
Fully Software-Compatible With C64x
• Video Processing Subsystem (VPSS)
Commercial and Automotive (Q or S suffix)
Front End Provides:
Grades
• CCD and CMOS Imager Interface
Low-Power Device (L suffix)
• BT.601/BT.656 Digital YCbCr 4:2:2
• VelociTI.2™ Extensions to VelociTI™
(8-/16-Bit) Interface
Advanced Very-Long-Instruction-Word (VLIW)
• Preview Engine for Real-Time Image
TMS320C64x+™ DSP Core
Processing
Eight Highly Independent Functional Units
• Glueless Interface to Common Video
With VelociTI.2 Extensions:
Decoders
• Six ALUs (32-/40-Bit), Each Supports
• Histogram Module
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
• Auto-Exposure, Auto-White Balance and
Arithmetic per Clock Cycle
Auto-Focus Module
• Two Multipliers Support Four 16 x 16-Bit
• Resize Engine
Multiplies (32-Bit Results) per Clock
Resize Images From 1/4x to 4x
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
Separate Horizontal/Vertical Control
Results) per Clock Cycle
Back End Provides:
Load-Store Architecture With Non-Aligned
• Hardware On-Screen Display (OSD)
Support
• Four 54-MHz DACs for a Combination of
64 32-Bit General-Purpose Registers
Composite NTSC/PAL Video
Instruction Packing Reduces Code Size
Luma/Chroma Separate Video
All Instructions Conditional
(S-video)
Additional C64x+™ Enhancements
Component (YPbPr or RGB) Video
• Protected Mode Operation
(Progressive)
• Exceptions Support for Error Detection
• Digital Output
and Program Redirection
8-/16-bit YUV or up to 24-Bit RGB
• Hardware Support for Modulo Loop
HD Resolution
Auto-Focus Module Operation
Up to 2 Video Windows
• C64x+ Instruction Set Features
• External Memory Interfaces (EMIFs)
Byte-Addressable (8-/16-/32-/64-Bit Data)
32-Bit DDR2 SDRAM Memory Controller
8-Bit Overflow Protection
With 256M-Byte Address Space (1.8-V I/O)
Bit-Field Extract, Set, Clear
• Supports up to 333-MHz (data rate) Bus
Normalization, Saturation, Bit-Counting
and Interfaces With DDR2-400 SDRAM
VelociTI.2 Increased Orthogonality
Asynchronous 8-Bit Wide EMIF (EMIFA)
C64x+ Extensions
With up to 64M-Byte Address Reach
• Compact 16-bit Instructions
• Flash Memory Interfaces
• Additional Instructions to Support
NOR (8-Bit-Wide Data)
Complex Multiplies
NAND (8-Bit-Wide Data)
• C64x+ L1/L2 Memory Architecture
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TNETV1644ZDU6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETV1647GSTZWT TI1-TNETV1647GSTZWT Datasheet
1Mb / 236P
Digital Media System-on-Chip
More results

Similar Description - TNETV1644ZDU6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com