Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 28Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 29Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 30Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 31Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 32Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 33Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 34Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 35Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 2-10. EMIFA Terminal Functions (EMIFA Pinout Mode 1, AEM[2:0] = 001) (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[5]/AD19/
IPD
B8
A10
I/O/Z
GP[96]
DVDD33
For EMIFA, this pin is address bit 5 output EM_A[5].
R0/EM_A[4]/
This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO.
IPD
GP[10]/
A17
B21
I/O/Z
DVDD33
For EMIFA, this pin is address bit 4 output EM_A[4].
(AEAW2/PLLMS2)
This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO.
B0/LCD_FIELD/
IPD
B18
D21
I/O/Z
EM_A[3]/GP[11]
DVDD33
For EMIFA, this pin is address bit 3 output EM_A[3].
B1/EM_A[2]/
This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO.
IPD
(CLE)/GP[8]/
B16
A20
I/O/Z
DVDD33
For EMIFA, this pin is address bit 2 output EM_A[2].
(AEAW0/PLLMS0)
G1/EM_A[1]/
This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO.
IPD
(ALE)/GP[9]/
A16
B20
I/O/Z
DVDD33
When used for EMIFA, this pin is address output EM_A[1].
(AEAW1/PLLMS1)
This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO.
For EMIFA, this pin is Address output EM_A[0], which is the least
R1/ EM_A[0]/
IPD
B17
C21
I/O/Z
significant bit on a 32-bit word address.
GP[7]/(AEM2)
DVDD33
For an 8-bit asynchronous memory, this pin is the 3rd bit of the
address.
COUT0/EM_D0/
IPD
D16
E21
I/O/Z
GP[14]
DVDD33
COUT1/EM_D1/
IPD
D18
G20
I/O/Z
GP[15]
DVDD33
COUT2/EM_D2/
IPD
D17
E22
I/O/Z
GP[16]
DVDD33
These pins are multiplexed between VPBE (VENC), EMIFA, and
COUT3/EM_D3/
IPD
E16
F20
I/O/Z
GPIO.
GP[17]
DVDD33
COUT4/EM_D4/
IPD
For EMIFA (AEM[2:0] = 001), these pins are the 8-bit bi-directional
E18
G21
I/O/Z
GP[18]
DVDD33
data bus (EM_D[7:0]).
COUT5/EM_D5/
IPD
E17
F22
I/O/Z
GP[19]
DVDD33
COUT6/EM_D6/
IPD
F16
F21
I/O/Z
GP[20]
DVDD33
COUT7/EM_D7/
IPD
F17
H20
I/O/Z
GP[21]
DVDD33
EMIFA FUNCTIONAL PINS: 8-Bit NAND (EMIFA Pinout Mode 1, AEM[2:0] = 001)
This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and
G1/EM_A[1]/
GPIO.
IPD
(ALE)/GP[9]/
A16
B20
I/O/Z
DVDD33
When used for EMIFA (NAND) , this pin is the Address Latch Enable
(AEAW1/PLLMS1)
output (ALE).
This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and
B1/EM_A[2]/
GPIO.
IPD
(CLE)/GP[8]/
B16
A20
I/O/Z
DVDD33
When used for EMIFA (NAND), this pin is the Command Latch Enable
(AEAW0/PLLMS0)
output (CLE).
EM_WAIT/
IPU
When used for EMIFA (NAND), this pin is ready/busy input
E15
D20
I/O/Z
(RDY/BSY)
DVDD33
(RDY/BSY).
IPU
EM_OE
D15
D19
I/O/Z
When used for EMIFA (NAND), this pin is read enable output (RE).
DVDD33
IPU
EM_WE
E14
C19
I/O/Z
When used for EMIFA (NAND), this pin is write enable output (WE).
DVDD33
Device Overview
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com