Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 27Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 28Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 29Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 30Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 31Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 32Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 33Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 34Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-10. EMIFA Terminal Functions (EMIFA Pinout Mode 1, AEM[2:0] = 001) (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
This pin is multiplexed between VPFE (CCDC), EMIFA, and GPIO.
C_FIELD/
IPD
D12
C16
I/O/Z
EM_A[21]/GP[34]
DVDD33
For EMIFA, it is address bit 21 output EM_A[21].
This pin is multiplexed between VPFE (CCDC), EMIFA, PCI, and
CI0(CCD8)/
GPIO.
EM_A[20]/
IPD
C12
C15
I/O/Z
PINTA/
DVDD33
For EMIFA (AEM[2:0] = 001), this pin is address bit 20 output
EM_D[7]/GP[44]
EM_A[20] if AEAW[2:0] = 100b.
This pin is multiplexed between VPFE (CCDC), EMIFA, PCI, and
CI1(CCD9)/
GPIO.
EM_A[19]/
IPD
B12
C14
I/O/Z
PREQ/
DVDD33
For EMIFA (AEM[2:0] = 001), this pin is address bit 19 output
EM_D[6]/GP[45]
EM_A[19] if AEAW[2:0] = 100b.
This pin is multiplexed between VPFE (CCDC), EMIFA, PCI, and
CI2(CCD10)/
GPIO.
EM_A[18]/
IPD
D11
A14
I/O/Z
PRST/
DVDD33
For EMIFA (AEM[2:0] = 001), this pin is address bit 18 output
EM_D[5]/GP[46]
EM_A[18] if AEAW[2:0] = 011/100b.
This pin is multiplexed between VPFE (CCDC), EMIFA, PCI, and
CI3(CCD11)/
GPIO.
EM_A[17]/
IPD
A11
B14
I/O/Z
AD31/
DVDD33
For EMIFA (AEM[2:0] = 001), this pin is address bit 17 output
EM_D[4]/GP[47]
EM_A[17] if AEAW[2:0] = 011/100b.
This pin is multiplexed between VPFE (CCDC), EMIFA, PCI, and
CI4(CCD12)/
GPIO.
EM_A[16]/
IPD
C11
B13
I/O/Z
PGNT/
DVDD33
For EMIFA (AEM[2:0] = 001), this pin is address bit 16 output
EM_D[3]/GP[48]
EM_A[16] if AEAW[2:0] = 010/011/100b.
This pin is multiplexed between VPFE (CCDC), EMIFA, PCI, and
CI5(CCD13)/
GPIO.
EM_A[15]/
IPD
B11
C13
I/O/Z
AD29/
DVDD33
For EMIFA (AEM[2:0] = 001), this pin is address bit 15 output
EM_D[2]/GP[49]
EM_A[15] if AEAW[2:0] = 010/011/100b.
This pin is multiplexed between VPFE (CCDC), EMIFA, PCI, and
CI6(CCD14)/
GPIO.
EM_A[14]/
IPD
A10
A13
I/O/Z
AD27/
DVDD33
For EMIFA (AEM[2:0] = 001), this pin is address bit 14 output
EM_D[1]/GP[50]
EM_A[14] if AEAW[2:0] = 001/010/011/100b.
This pin is multiplexed between VPFE (CCDC), EMIFA, PCI, and
CI7(CCD15)/
GPIO.
EM_A[13]/
IPD
B10
A12
I/O/Z
AD25/
DVDD33
For EMIFA (AEM[2:0] = 001), this pin is address bit 13 output
EM_D[0]/GP[51]
EM_A[13] if AEAW[2:0] = 001/010/011/100b.
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[12]/PCBE3/
IPD
D10
B12
I/O/Z
GP[89]
DVDD33
For EMIFA, this pin is address bit 12 output EM_A[12].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[11]/AD24/
IPD
C10
C12
I/O/Z
GP[90]
DVDD33
For EMIFA, this pin is address bit 11 output EM_A[11].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[10]/AD23/
IPD
A9
B11
I/O/Z
GP[91]
DVDD33
For EMIFA, this pin is address bit 10 output EM_A[10].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[9]/PIDSEL/
IPD
D9
C11
I/O/Z
GP[92]
DVDD33
For EMIFA, this pin is address bit 9 output EM_A[9].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[8]/AD21/
IPD
B9
A11
I/O/Z
GP[93]
DVDD33
For EMIFA, this pin is address bit 8 output EM_A[8].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[7]/AD22/
IPD
C9
C10
I/O/Z
GP[94]
DVDD33
For EMIFA, this pin is address bit 7 output EM_A[7].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[6]/AD20/
IPD
D8
B10
I/O/Z
GP[95]
DVDD33
For EMIFA, this pin is address bit 6 output EM_A[6].
Submit Documentation Feedback
Device Overview
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com