Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 96 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 92Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 93Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 94Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 95Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 96Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 97Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 98Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 99Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 306 page
background image
3.6.2
Peripheral Selection After Device Reset
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 3-14. MSTPRI0 Register Description (continued)
Bit
Field Name
Description
7:0
RESERVED
Reserved. Read-only, writes have no effect.
31
27
26
25
24
23
22
21
20
19
18
17
16
RESERVED
PCIP
RSV
HPIP
RSV
VLYNQP
R-0000 0
R/W-100
R-0
R/W-100
R-0
R/W-100
15
3
2
1
0
RESERVED
EMACP
R- 0000 0000 0000 0
R/W-100
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-7. MSTPRI1 Register— 0x01C4 0040
Table 3-15. MSTPRI1 Register Description
Bit
Field Name
Description
31:27
RESERVED
Reserved. Read-only, writes have no effect.
PCI master port priority in System Infrastructure.
000 = Priority 0 (Highest)
100 = Priority 4
26:24
PCIP
001 = Priority 1
101 = Priority 5
010 = Priority 2
110 = Priority 6
011 = Priority 3
111 = Priority 7 (Lowest)
23
RSV
Reserved. Read-only, writes have no effect.
HPI master port priority in System Infrastructure.
000 = Priority 0 (Highest)
100 = Priority 4
22:20
HPIP
001 = Priority 1
101 = Priority 5
010 = Priority 2
110 = Priority 6
011 = Priority 3
111 = Priority 7 (Lowest)
19
RSV
Reserved. Read-only, writes have no effect.
VLYNQ master port priority in System Infrastructure.
000 = Priority 0 (Highest)
100 = Priority 4
18:16
VLYNQP
001 = Priority 1
101 = Priority 5
010 = Priority 2
110 = Priority 6
011 = Priority 3
111 = Priority 7 (Lowest)
15:3
RESERVED
Reserved. Read-only, writes have no effect.
EMAC master port priority in System Infrastructure.
000 = Priority 0 (Highest)
100 = Priority 4
2:0
EMACP
001 = Priority 1
101 = Priority 5
010 = Priority 2
110 = Priority 6
011 = Priority 3
111 = Priority 7 (Lowest)
After device reset, most peripheral configurations are done within the peripheral’s registers. This section
discusses some additional peripheral controls in the System Module. For information on multiplexed pin
controls that determine what peripheral pins are brought out to the pins, see Section 3.7, Multiplexed Pin
Configurations.
Device Configurations
96
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com