Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 22Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 23Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 24Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 25Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 26Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 27Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 28Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 29Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 2-5. BOOT Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
BOOT
YOUT3/GP[25]/
(BOOTMODE3)
G16
H21
Bootmode configuration bits. These bootmode functions along with
YOUT2/GP[24]/
the FASTBOOT function determine what device bootmode
(BOOTMODE2)
G15
L20
IPD
configuration is selected.
I/O/Z
DVDD33
The DM6437 device supports several types of bootmodes along with
YOUT1/GP[23]/
F15
K20
a FASTBOOT option; for more details on the types/options, see
(BOOTMODE1)
F18
J20
Section 3.4.1, Boot Modes.
YOUT0/GP[22]/
(BOOTMODE0)
Fast Boot
YOUT4/GP26]/
IPD
G17
K19
I/O/Z
0 = Not Fast Boot
(FASTBOOT)
DVDD33
1 = Fast Boot
R0/EM_A[4]/
EMIFA Address Bus Width (AEAW) and Fast Boot PLL Multiplier
IPD
GP[10]/
A17
B21
I/O/Z
Select (PLLMS).
DVDD33
(AEAW2/PLLMS2)
These configuration pins serve two purposes which are based on
AEM[2:0] settings.
G1/EM_A[1]/
IPD
For AEM[2:0] = 001 [8-bit EMIFA (Async) Pinout Mode 1], the
(ALE)/GP[9]/
A16
B20
I/O/Z
DVDD33
AEAW/PLLMS pins serve as the AEAW function to select EMIFA
(AEAW1/PLLMS1)
Address Bus Width.
For all other AEM modes, the AEAW/PLLMS pins select the PLL
B1/EM_A[2]/
IPD
multiplier for fast boot.
(CLE)/GP[8]/
B16
A20
I/O/Z
DVDD33
For more details, see Section 3.5.1.2, EMIFA Address Width Select
(AEAW0/PLLMS0)
(AEAW) and Fast Boot PLL Multipler Select (PLLMS).
R1/EM_A[0]/
IPD
Selects EMIFA Pinout Mode
B17
C21
I/O/Z
GP[7]/(AEM2)
DVDD33
The DM6437 supports the following EMIFA Pinout Modes:
R2/EM_BA[0]/
IPD
C17
E20
I/O/Z
AEM[2:0] = 000, No EMIFA
GP[6]/(AEM1)
DVDD33
AEM[2:0] = 001, 8-bit EMIFA (Async) Pinout Mode 1
AEM[2:0] = 011, 8-bit EMIFA (Async) Pinout Mode 3
AEM[2:0] = 100, 8-bit EMIFA (NAND) Pinout Mode 4
B2/EM_BA[1]/
IPD
AEM[2:0] = 101, 8-bit EMIFA (NAND) Pinout Mode 5
C16
C20
I/O/Z
GP[5]/(AEM0)
DVDD33
This signal doesn't actually affect the EMIFA module. It only affects
how the EMIFA is pinned out.
For proper DM6437 device operation, if this pin is both routed and
3-stated (not driven) during device reset, it must be pulled down via
YOUT6/
IPD
H16
J21
I/O/Z
an external resistor. For more detailed information on
GP[28]
DVDD33
pullup/pulldown resistors, see Section 3.9.1, Pullup/Pulldown
Resistors.
PCI Enable
IPD
PCIEN
T3
W3
I
0 = PCI pin function is disabled [default]
DVDD33
1 = PCI pin function is enabled
For proper DM6437 device operation, if this pin is both routed and
IPU
3-stated (not driven) during device reset, it must be pulled up via an
YOUT5/GP[27]
H17
L19
I/O/Z
DVDD33
external resistor. For more detailed information on pullup/pulldown
resistors, see Section 3.9.1, Pullup/Pulldown Resistors.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Device Overview
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com