Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 25Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 26Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 27Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 28Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 29Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 30Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 31Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 32Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-9. EMIFA Terminal Functions (Boot Configuration)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
EMIFA: BOOT CONFIGURATION
R0/EM_A[4]/
These pins are multiplexed between the VPBE (VENC), EMIFA, and
IPD
GP[10]/
A17
B21
I/O/Z
GPIO. When RESET or POR is asserted, these pins function as
DVDD33
(AEAW2/PLLMS2)
EMIFA configuration pins. At reset if AEM[2:0] = 001 (EMIFA in 8-bit
Async mode), then the input states of AEAW[2:0] are sampled to set
G1/EM_A[1]/
IPD
the EMIFA Address Bus Width. After reset, these pins function as
(ALE)/GP[9]/
A16
B20
I/O/Z
DVDD33
VPBE (VENC), EMIFA, or GPIO pin functions based on pin mux
(AEAW1/PLLMS1)
selection.
B1/EM_A[2]/
For more details on the AEAW/PLLMS functions, see Section 3.5.1.2,
(CLE)/GP[8]/
B16
A20
I/O/Z
DVDD33
EMIFA Address Bus Width (AEAW) and Fast Boot PLL Multiplier
(AEAW0/PLLMS0)
Select (PLLMS).
B2/EM_BA[1]/
IPD
These pins are multiplexed between the VPBE (VENC), EMIFA, and
C16
C20
I/O/Z
GP[5]/(AEM0)
DVDD33
GPIO. When RESET or POR is asserted, these pins function as
EMIFA configuration pins. At reset, the input states of AEM[2:0] are
R2/EM_BA[0]/
IPD
C17
E20
I/O/Z
sampled to set the EMIFA Pinout Mode.
GP[6]/(AEM1)
DVDD33
For more details, see Section 3.5.1, Configurations at Reset. After
reset, these pins function as VPBE (VENC), EMIFA, or GPIO pin
R1/ EM_A[0]/
IPD
functions based on pin mux selection.
B17
C21
I/O/Z
GP[7]/(AEM2)
DVDD33
For more details on the AEM functions, see Section 3.5.1.1, EMIFA
Pinout Mode (AEM[2:0]).
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com