Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 88 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 84Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 85Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 86Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 87Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 88Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 89Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 90Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 91Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 306 page
background image
3.4.2
Bootmode Registers
3.4.2.1 BOOTCFG Register
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
The Device Bootmode (see Section 3.4.1, Boot Modes) and Configuration pins (see Section 3.5.1, Device
and Peripheral Configurations at Device Reset) latched at reset are captured in the Device Boot
Configuration (BOOTCFG) register which is accessible through the System Module. This is a read-only
register. The bits show the values latched from the corresponding configuration pins sampled at device
reset. For more information on how these pins are sampled at device reset, see Section 6.5.1.2, Latching
Boot and Configuration Pins. For the corresponding device boot and configuration pins, see Table 2-5,
BOOT Terminal Functions.
31
20
19
18
17
16
RESERVED
FASTBOOT
RSV
DPCIEN
RSV
R-0000 0000 0001
R-L
R-0
R-L
R-0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RSV
PLLMS
RSV
DAEM
RESERVED
BOOTMODE
R-0
R-LLL
R-0
R-LLL
R-0000
R-LLLL
LEGEND: R = Read only; L = pin state latched at reset rising edge; -n = value after reset
Figure 3-3. BOOTCFG Register—0x01C4 0014
Device Configurations
88
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com