Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 95Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 96Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 97Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 98Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 99Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 100Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 101Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 102Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 306 page
background image
3.7 Multiplexed Pin Configurations
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
DM6437 makes extensive use of pin multiplexing to accommodate a large number of peripheral functions
in the smallest possible package, providing ultimate flexibility for end applications.
The Pin Multiplex Registers PINMUX0 and PINMUX1 in the System Module are responsible for controlling
all pin multiplexing functions on the DM6437. The default setting of some of the PINMUX0 and PINMUX1
bit fields are configured by configuration pins latched at reset (see Section 3.5.1, Device and Peripheral
Configurations at Device Reset). After reset, software may program the PINMUX0 and PINMUX1 registers
to switch pin functionalities.
The following peripherals have multiplexed pins: VPSS (VPFE/VPBE), EMIFA, PCI, HPI, VLYNQ, EMAC,
McASP0, McBSP0, McBSP1, PWM0, PWM1, PWM2, Timer0, Timer1, UART0, UART1, HECC, and GPIO.
The device is divided into the following Pin Multiplexed Blocks (Pin Mux Blocks):
• EMIFA/VPSS Block: VPSS (VPFE/VPBE), EMIFA, part of PCI, GPIO. This block is further subdivided
into these sub-blocks:
Sub-Block 0: VPFE (CCDC), part of EMIFA (data, address, control), part of PCI, and GPIO
Sub-Block 1: VPBE (VENC), part of EMIFA (data, address, control), and GPIO
Sub-Block 2: part of EMIFA (control signals EM_WAIT/(RDY/BSY), EM_OE, and EM_WE)
Sub-Block 3: part of EMIFA (address EM_A[12:5]), part of PCI, and GPIO
• Host Block: HPI, VLYNQ, EMAC, part of PCI, and GPIO
• PCI Data Block: part of PCI
• GPIO Block: part of PCI and GPIO
• Serial Port Block: McBSP0, McBSP1, McASP0, and GPIO. This block is further sub-divided into
sub-blocks.
Serial Port Sub-Block 0: McBSP0, part of McASP0, and GPIO
Serial Port Sub-Block 1: McBSP1, part of McASP0, and GPIO
• UART0 Flow Control Block: UART0 flow control, PWM0, and GPIO
• UART0 Data Block: UART0 data and GPIO
• Timer0 Block: Timer0 and McBSP's CLKS pins
• Timer1 Block: Timer1 and HECC, UART1 data
• PWM1 Block: PWM1 and GPIO
• CLKOUT Block: CLKOUT0, PWM2, and GPIO
As shown in the list above, the PCI, McBSP0, McBSP1, and UART0 peripherals span multiple Pin Mux
Blocks. To use these peripherals, they must be selected in all relevant Pin Mux Blocks. For more details,
see Section 3.7.3, Pin Multiplexing Details, and Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux
Blocks.
Note: There is no actual pin multiplexing in EMIFA/VPSS Sub-Block 2 and the PCI Data Block. However
these are still considered "pin mux blocks" because they contain part of the pins necessary for EMIFA and
PCI, respectively.
A high level view of the Pin Mux Blocks is shown in Figure 3-11. In each Pin Mux Block, the
PINMUX0/PINMUX1 default settings are underlined.
Note: Some default pin functions are determined by configuration pins (PCIEN, AEAW[2:0], AEM[2:0]);
therefore, more than one configuration setting can serve as default based on the configuration pin settings
latched at device reset.
Submit Documentation Feedback
Device Configurations
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com