Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 2 Page - Texas Instruments

  TNETV1644ZDU6 Datasheet HTML 1Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 2Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 3Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 4Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 5Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 6Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 7Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 8Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Supports Media Independent Interface (MII)
• Enhanced Direct-Memory-Access (EDMA)
Management Data I/O (MDIO) Module
Controller (64 Independent Channels)
• VLYNQ™ Interface (FPGA Interface)
• Two 64-Bit General-Purpose Timers (Each
Configurable as Two 32-Bit Timers)
• Three Pulse Width Modulator (PWM) Outputs
• One 64-Bit Watch Dog Timer
• On-Chip ROM Bootloader
• Two UARTs (One with RTS and CTS Flow
• Individual Power-Savings Modes
Control)
• Flexible PLL Clock Generators
• Master/Slave Inter-Integrated Circuit (I2C
• IEEE-1149.1 (JTAG™)
Bus™)
Boundary-Scan-Compatible
• Two Multichannel Buffered Serial Ports
• Up to 111 General-Purpose I/O (GPIO) Pins
(McBSPs)
(Multiplexed With Other Device Functions)
I2S and TDM
• Packages:
AC97 Audio Codec Interface
361-Pin Pb-Free PBGA Package
SPI
(ZWT Suffix), 0.8-mm Ball Pitch
Standard Voice Codec Interface (AIC12)
376-Pin Plastic BGA Package
Telecom Interfaces – ST-Bus, H-100
(ZDU Suffix), 1.0-mm Ball Pitch
128 Channel Mode
• 0.09-µm/6-Level Cu Metal Process (CMOS)
• Multichannel Audio Serial Port (McASP0)
• 3.3-V and 1.8-V I/O, 1.2-V Internal
Four Serializers and SPDIF (DIT) Mode
(-7/-6/-5/-4/-L/-Q6/-Q5/-Q4)
• 16-Bit Host-Port Interface (HPI)
• 3.3-V and 1.8-V I/O, 1.05-V Internal
• High-End CAN Controller (HECC)
(-7/-6/-5/-4/-L/-Q5)
• 32-Bit 33-MHz, 3.3-V Peripheral Component
• Applications
Interconnect (PCI) Master/Slave Interface
Digital Media
• 10/100 Mb/s Ethernet MAC (EMAC)
Networked Media Encode/Decode
IEEE 802.3 Compliant
Video Imaging
TMS320DM6437 Digital Media Processor
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com