Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 109 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 105Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 106Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 107Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 108Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 109Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 110Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 111Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 112Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-20. PINMUX1 Register Descriptions (continued)
Bit
Field Name
Description
Pins Controlled
Reserved. For proper device operation, the user should only write "0" to this bit
7
RSV
–
(default).
Host Block:
VLYNQ_CLOCK/PCICLK/GP[57]
Host Block Pin Select.
HD0/VLYNQ_SCRUN/AD18/GP[58]
If EMAC opertaion is desired, EMAC must be placed in reset before
HD1/VLYNQ_RXD0/AD16/GP[59]
programminng PINMUX1 HOSTBK to select EMAC pins.
HD2/VLYNQ_RXD1/AD17/GP[60]
HD3/VLYNQ_RXD2/PCBE2/GP[61]
PCIEN = 0 and HOSTBK = 000: GPIO Mode (default if PCIEN = 0).
HD4/VLYNQ_RXD3/PFRAME/GP[62]
Pins function as GPIO (GP[83:57]).
HD5/VLYNQ_TXD0/PIRDY/GP[63]
HD6/VLYNQ_TXD1/PTRDY/GP[64]
PCIEN = 0 and HOSTBK = 001: HPI + 1 GPIO Mode.
HD7/VLYNQ_TXD2/PDEVSEL/GP[65]
Pins function as HPI and GPIO (GP[57]).
HD8/VLYNQ_TXD3/PPERR/GP[66]
PCIEN = 0 and HOSTBK = 010: VLYNQ + 17 GPIO Mode.
HD9/MCOL/PSTOP/GP[67]
Pins function as VLYNQ (VLYNQ_CLOCK, VLYNQ_SCRUN, VLYNQ_RXD[3:0],
HD10/MCRS/PSERR/GP[68]
VLYNQ_TXD[3:0]), and GP[83:67].
HD11/MTXD3/PCBE1/GP[69]
HD12/MTXD2/PPAR/GP[70]
PCIEN = 0 and HOSTBK = 011: VLYNQ + MII + MDIO Mode.
6:4
HOSTBK
HD13/MTXD1/AD14/GP[71]
Pins function as VLYNQ (VLYNQ_CLOCK, VLYNQ_SCRUN, VLYNQ_RXD[3:0],
HD14/MTXD0/AD15/GP[72]
VLYNQ_TXD[3:0]), MII (TXCLK, CRS, COL, TXD[3:0], RXVD, TXEN, RXER,
HD15/MTXCLK/AD12/GP[73]
RXCLK, RXD[3:0]), and MDIO (MDIO, MDC).
HHWIL/MRXDV/AD13/GP[74]
HCNTL1/MTXEN/AD11/GP[75]
PCIEN = 0 and HOSTBK = 100: MII + MDIO +10 GPIO Mode.
HCNTL0/MRXER/AD10/GP[76]
Pins function as MII (TXCLK, CRS, COL, TXD[3:0], RXVD, TXEN, RXER,
HR/W/MRXCLK/AD8/GP[77]
RXCLK, RXD[3:0]), MDIO (MDIO, MDC), and GP[66:57].
HDS2/MRXD0/AD9/GP[78]
HDS1/MRXD1/AD7/GP[79]
PCIEN = 1 and HOSTBK = 000: PCI Mode (default if PCIEN = 1).
HRDY/MRXD2/PCBE0/GP[80]
Pins function as PCI pins: PCICLK, PCBE2, PCBE1, PCBE0, PFRAME,
HCS/MDCLK/AD5/GP[81]
PIDRDY, PTRDY, PDEVSEL, PPER, PSTOP, PSERR, PPAR, AD[18:5], and
HINT/MRXD3/AD6/GP[82]
AD03.
HAS/MDIO/AD3/GP[83]
All other PCIEN and HOSTBK combinations reserved.
The combination of PINMUX1 fields PCIEN and
HOSTBK select the function of these 27 pins.
Reserved. For proper device operation, the user should only write "0" to this bit
3:1
RESERVED
–
(default).
Submit Documentation Feedback
Device Configurations
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com