Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 261 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 261 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 257Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 258Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 259Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 260Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 261Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 262Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 263Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 264Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 265Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-74. Switching Characteristics Over Recommended Operating Conditions for McASP(1)(2)
(see Figure 6-41 and Figure 6-42)(3)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
9
tc(AHCKRX)
Cycle time, AHCLKR/X
25
ns
10
tw(AHCKRX)
Pulse duration, AHCLKR/X high or low
AH - 2.5
ns
ACLKR/X
11
tc(CKRX)
Cycle time, ACLKR/X
25
ns
int
ACLKR/X
12
tw(CKRX)
Pulse duration, ACLKR/X high or low
A - 2.5
ns
int
ACLKR/X
-2.25
5.5
ns
int
ACLKR/X
13
td(CKRX-FRX)
Delay time, ACLKR/X transmit edge to AFSX/R output valid
0
12.5
ns
ext input
ACLKR/X
0
14
ns
ext output
ACLKX int
-2.25
5.5
ns
ACLKX
0
12.5
ns
14
td(CKX-AXRV)
Delay time, ACLKX transmit edge to AXR output valid
ext input
ACLKX
0
14
ns
ext output
ACLKR/X
-4.5
8
ns
int
Disable time, AXR high impedance following last data bit from
15
tdis(CKRX-AXRHZ)
ACLKR/X transmit edge
ACLKR/X
-4.5
12.5
ns
ext
(1)
A = (ACLKR/X period)/2 in ns. For example, when ACLKR/X period is 25 ns, use A = 12.5 ns.
(2)
AH = (AHCLKR/X period)/2 in ns. For example, when AHCLKR/X period is 25 ns, use AH = 12.5 ns.
(3)
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com