Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 107 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 107 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 103Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 104Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 105Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 106Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 107Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 108Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 109Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 110Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 111Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 120 page
background image
Version 1.3
107
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
MR3_I/O Configuration 1 (MA<7:0> = 03H)
MR#
MA <7:0>
Function
Access
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
3
03H
I/O Config-1
W
(RFU)
DS
OP<3:0>
DS (Drive Strength)
Write-only
0000B: reserved
0001B: 34.3 ohm typical
0010B: 40.0 ohm typical (default)
0011B: 48.0 ohm typical
0100B: 60.0 ohm typical
0101B: reserved
0110B: 80.0 ohm typical
0111B: 120.0 ohm typical
All others: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com