Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 108 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 108 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 104Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 105Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 106Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 107Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 108Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 109Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 110Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 111Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 112Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 120 page
background image
Version 1.3
108
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
MR4_Device Temperature (MA<7:0> = 04H)
MR#
MA <7:0>
Function
Access
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
4
04H
Refresh Rate
R
TUF
(RFU)
Refresh Rate
OP<2:0>
Refresh Rate
Read-only
000B: SDRAM Low temperature operating limit exceeded
001B: 4x tREFI, 4x tREFIpb, 4x tREFW
010B: 2x tREFI, 2x tREFIpb, 2x tREFW
011B: 1x tREFI, 1x tREFIpb, 1x tREFW (<=85C)
100B: RFU
101B: 0.25x tREFI, 0.25x tREFIpb, 0.25x tREFW,
do not de-rate SDRAM AC timing
110B: 0.25x tREFI, 0.25x tREFIpb, 0.25x tREFW,
de-rate SDRAM AC timing
111B: SDRAM High temperature operating limit exceeded
OP7
TUF
(Temperature Update Flag)
Read-only
0B: OP<2:0> value has not changed since last read of MR4.
1B: OP<2:0> value has changed since last read of MR4.
Notes:
1.
A Mode Register Read from MR4 will reset OP7 to “0”.
2.
OP7 is reset to “0” at power-up.
3.
If OP2 equals “1”, the device temperature is greater than 85C.
4.
OP7 is set to “1”, if OP2~OP0 has changed at any time since the last read of MR4.
5.
LPDDR2 might not operate properly when OP<2:0> = 000B or 111B.
6.
For specified operating temperature range and maximum operating temperature.
7.
LPDDR2 devices must be derated by adding 1.875ns to the following core timing parameters: tRCD, tRC, tRAS, tRP and tRRD. The
tDQSCK parameter must be derated. Prevailing clock frequency specifications and related setup and hold timings remain
unchanged.
8.
The recom
mended frequency for reading MR4 is provided in “Temperature Sensor”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com