Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 29 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 29 Page - NEC

Back Button VR4102 Datasheet HTML 25Page - NEC VR4102 Datasheet HTML 26Page - NEC VR4102 Datasheet HTML 27Page - NEC VR4102 Datasheet HTML 28Page - NEC VR4102 Datasheet HTML 29Page - NEC VR4102 Datasheet HTML 30Page - NEC VR4102 Datasheet HTML 31Page - NEC VR4102 Datasheet HTML 32Page - NEC VR4102 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 701 page
background image
29
CHAPTER 1 INTRODUCTION
This chapter describes the outline of the VR4102 (
µPD30102), which is a 64-/32-bit RISC microprocessor.
1.1 FEATURES
The VR4102, which is a high-performance 64-/32-bit microprocessor employing the RISC (reduced instruction set
computer) architecture developed by MIPS, is one of the RISC microprocessor VR-SeriesTM products manufactured
by NEC.
The VR4102 is ideally suited for battery-driven high-performance portable information equipment.
It mainly consists of the high-performance ultra-low-power consumption VR4102 CPU core, and has various
peripheral functions including a DMA controller, software modem interface, serial interface, keyboard interface, IrDA
interface, touch panel interface, real-time clock, A/D converter, and D/A converter.
The external bus width of this device can be selected between 32 bits and 16 bits. This function enables the
VR4102 to process voluminous data at high speed.
The features of the VR4102 are described below.
a Employs 64-bit RISC CPU Core (VR4100 equivalent)
a Internal 64-bit processing
a Optimized 5-stage pipeline
a Conforms to MIPS I, II, III instruction sets (with the FPU, LL, and SC instructions left out)
a Supports high-speed product-sum operation instructions to execute applications in high speed
a On-chip 4-Kbyte instruction cache and 1-Kbyte data cache
a 32-double-entry translation lookaside buffer (TLB) for virtual address management
a 32-bit physical address space and 40-bit virtual address space (in 64-bit mode)
a On-chip peripheral units suited for portable equipment
• Memory controller (supports ROM, EDO-type DRAM, and flash memory)
• ISA-bus interface
• Keyboard interface
• Touch panel interface (on-chip 4-channel A/D converter)
• Controller complying with IrDA 1.1 (FIR)
• Software modem interface
• DMA controller
• Serial interface
• Debug serial interfaces
• Interrupt controller
• Audio interface (on-chip digital I/O, A/D and D/A converters)
• General-purpose A/D converter: 3 channels
• General-purpose ports
a Effective power management features, which include the following four operating modes:
• Fullspeed mode: normal operating mode in which all clocks operate
• Standby mode: all internal clocks stop except for interrupt-related clocks
• Suspend mode: bus clock and all internal clocks stop except for interrupt-related clocks
• Hibernate mode: all clocks generated by the CPU core stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com