Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 65 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 65 Page - NEC

Back Button VR4102 Datasheet HTML 61Page - NEC VR4102 Datasheet HTML 62Page - NEC VR4102 Datasheet HTML 63Page - NEC VR4102 Datasheet HTML 64Page - NEC VR4102 Datasheet HTML 65Page - NEC VR4102 Datasheet HTML 66Page - NEC VR4102 Datasheet HTML 67Page - NEC VR4102 Datasheet HTML 68Page - NEC VR4102 Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
65
2.2.2 Clock Interface Signals
These signals are used to supply clocks. Table 2-2 lists functions of these signals.
Table 2-2. Clock Interface Signals
Signal
I/O
Description of function
RTCX1
I
This is the 32.768-kHz oscillator’s input pin. It is connected to one side of a crystal resonator.
RTCX2
O
This is the 32.768-kHz oscillator’s output pin. It is connected to one side of a crystal resonator.
CLKX1
I
This is the 18.432-MHz oscillator’s input pin. It is connected to one side of a crystal resonator.
CLKX2
O
This is the 18.432-MHz oscillator’s output pin. It is connected to one side of a crystal resonator.
FIRCLK
I
This the 48-MHz clock input pin. Fix this at high level when FIR is not used.
2.2.3 Battery Monitor Interface Signals
These signals indicate when an external agent is able to provide enough power for system operations. Table 2-3
describes the functions of these signals.
Table 2-3. Battery Monitor Interface Signals
Signal
I/O
Description of function
BATTINH/
BATTINT#
I
This function differs depending on how the MPOWER pin is set.
<When MPOWER = 0>
BATTINH function
This is an interrupt signal that is output when remaining power is low while battery is ON. The
external agent checks the remaining battery power and asserts the signal at this pin if the supplied
voltage is sufficient for current operations.
1 : Battery OK
0 : Battery low
<When MPOWER = 1>
BATTINT# function
This is an interrupt signal that is output when remaining power is low during normal operations. The
external agent checks the remaining battery power and asserts the signal at this pin if voltage
sufficient for operations cannot be supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com