Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 84 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 84 Page - NEC

Back Button VR4102 Datasheet HTML 80Page - NEC VR4102 Datasheet HTML 81Page - NEC VR4102 Datasheet HTML 82Page - NEC VR4102 Datasheet HTML 83Page - NEC VR4102 Datasheet HTML 84Page - NEC VR4102 Datasheet HTML 85Page - NEC VR4102 Datasheet HTML 86Page - NEC VR4102 Datasheet HTML 87Page - NEC VR4102 Datasheet HTML 88Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 701 page
background image
CHAPTER 3 CPU INSTRUCTION SET SUMMARY
84
Table 3-2. Load/store Instruction
Instruction
Format and Description
Load Byte
LB rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
The bytes of the memory location specified by the address are sign extended and loaded into register rt.
Load Byte Unsigned
LBU rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
The bytes of the memory location specified by the address are zero extended and loaded into register rt.
Load Halfword
LH rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
The halfword of the memory location specified by the address is sign extended and loaded to register rt.
Load Halfword
Unsigned
LHU rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
The halfword of the memory location specified by the address is zero extended and loaded to register rt.
Load Word
LW rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
The word of the memory location specified by the address is sign extended and loaded to register rt. In the
64-bit mode, it is further sign extended to 64 bits.
Load Word Left
LWL rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
Shifts to the left the word whose address is specified so that the address-specified byte is at the left-
most position of the word. The result of the shift operation is merged with the contents of register rt
and loaded to register rt. In the 64-bit mode, it is further sign extended to 64 bits.
Load Word Right
LWR rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
Shifts to the right the word whose address is specified so that the address-specified byte is at the right-
most position of the word. The result of the shift operation is merged with the contents of register rt and
loaded to register rt. In the 64-bit mode, it is further sign extended to 64 bits.
Store Byte
SB rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
The least significant byte of register rt is stored to the memory location specified by the address.
Store Halfword
SH rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
The least significant halfword of register rt is stored to the memory location specified by the address.
Store Word
SW rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
The lower word of register rt is stored to the memory location specified by the address.
Store Word Left
SWL rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
Shifts to the right the contents of register rt so that the left-most byte of the word is in the position of the
address-specified byte. The result is stored to the lower word in memory.
Store Word Right
SWR rt, offset (base)
The offset is sign extended and then added to the contents of the register base to form the virtual address.
Shifts to the left the contents of register rt so that the right-most byte of the word is in the position of the
address-specified byte. The result is stored to the upper word in memory.
op
base
rt
offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com