Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 67 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 67 Page - NEC

Back Button VR4102 Datasheet HTML 63Page - NEC VR4102 Datasheet HTML 64Page - NEC VR4102 Datasheet HTML 65Page - NEC VR4102 Datasheet HTML 66Page - NEC VR4102 Datasheet HTML 67Page - NEC VR4102 Datasheet HTML 68Page - NEC VR4102 Datasheet HTML 69Page - NEC VR4102 Datasheet HTML 70Page - NEC VR4102 Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
67
2.2.5 RS-232-C Interface Signals
These signals control data transmission and reception between the VR4102 and an RS-232-C controller. Table 2-
5 describes the functions of these signals.
Table 2-5. RS-232-C Interface Signals
Signal
I/O
Description of function
RxD
I
This is a receive data signal. It is used when the RS-232-C controller sends serial data to the VR4102.
CTS#
I
This is the transmit enable (“clear-to-send”) signal. This signal is asserted when the RS-232-C controller
is ready to receive transmission of serial data.
DCD#/
GPIO[15]
I
This is a carrier detection signal. This signal is asserted when valid serial data is being received. It is
also used when detecting a power-on factor for the VR4102.
When this pin is not used for DCD# signal, this pin can be used as an interrupt detection function for the
GIU unit.
DSR#
I
This is the data set ready signal. Assert this signal to set up transmission and reception of serial data
between the RS-232C controller and the VR4102.
TxD/
CLKSEL[2],
RTS#/
CLKSEL[1],
DTR#/
CLKSEL[0]
I/O
This function differs depending on the operating status.
•
In normal operation (output)
TxD signal (output):
This is a transmit data signal. It is used when the VR4102 sends serial data to the RS-232C controller.
RTS# signal (output):
This is a transmit request signal. This signal is asserted when the VR4102 is ready to receive serial
data from the RS-232C controller.
DTR# signal (output):
This is a terminal equipment ready signal. This signal is asserted when the VR4102 is ready to
transmit or receive serial data.
•
After RTC reset (input)
These signals are used to set the CPU core operation and BUSCLK frequency (CLKSEL[2..0]: input).
Sampling occurs when the RTCRST signal changes from low to high.
CLKSEL[2..0]
CPU Core frequency
BUSCLK frequency
111
RFU
RFU
110
RFU
RFU
101
53.6 MHz
6.700 MHz
100
49.2 MHz
6.075 MHz
011
45.4 MHz
5.675 MHz
010
42.1 MHz
5.275 MHz
001
36.9 MHz
9.200 MHz
000
32.8 MHz
8.200 MHz
Caution Some of these settings of frequency may not be able to select in the future.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com