Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 91 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 91 Page - NEC

Back Button VR4102 Datasheet HTML 87Page - NEC VR4102 Datasheet HTML 88Page - NEC VR4102 Datasheet HTML 89Page - NEC VR4102 Datasheet HTML 90Page - NEC VR4102 Datasheet HTML 91Page - NEC VR4102 Datasheet HTML 92Page - NEC VR4102 Datasheet HTML 93Page - NEC VR4102 Datasheet HTML 94Page - NEC VR4102 Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 701 page
background image
CHAPTER 3 CPU INSTRUCTION SET SUMMARY
91
Table 3-11. Multiply/Divide Instructions (Extended ISA) (2/2)
Instruction
Format and Description
Multiply and Add 16-
bit Integer
MADD16 rs, rt
The contents of registers rt and rs are multiplied, treating both operands as 16-bit signed integers (by
sign extending to 64 bits). The result is added to the combined value of special registers HI and LO.
The 64-bit result is stored into special registers HI and LO.
Doubleword Multiply
and Add 16-bit Integer
DMADD16 rs, rt
The contents of registers rt and rs are multiplied, treating both operands as 16-bit signed integers (by
sign extending to 64 bits). The result is added to value of special register LO. The 64-bit result is stored
into special register LO.
MFHI and MFLO instructions after a multiply or divide instruction generate interlocks to delay execution of the
next instruction, inhibiting the result from being read until the multiply or divide instruction completes.
Table 3-12 gives the number of processor cycles (PCycles) required to resolve interlock or stall between various
multiply or divide instructions and a subsequent MFHI or MFLO instruction.
Table 3-12. Number of Stall Cycles in Multiply and Divide Instructions
Instruction
Number of instruction cycles
MULT
1
MULTU
1
DIV
35
DIVU
35
DMULT
4
DMULTU
4
DDIV
67
DDIVU
67
MADD16
1
DMADD16
1
op
rs
rt
funct
rd
sa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com