Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 30 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 30 Page - NEC

Back Button VR4102 Datasheet HTML 26Page - NEC VR4102 Datasheet HTML 27Page - NEC VR4102 Datasheet HTML 28Page - NEC VR4102 Datasheet HTML 29Page - NEC VR4102 Datasheet HTML 30Page - NEC VR4102 Datasheet HTML 31Page - NEC VR4102 Datasheet HTML 32Page - NEC VR4102 Datasheet HTML 33Page - NEC VR4102 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 701 page
background image
CHAPTER 1 INTRODUCTION
30
a External input clock: 32.768 kHz, 18.432 MHz (for internal CPU core and peripheral unit operation), 48 MHz
(dedicated for FIR IrDA interface)
a Supports ISA bus subset
a Clock supply management function for each on-chip peripheral unit to implement low-power consumption
a Operation supply voltage: VDD = 3.0 to 3.6 V
1.2 ORDERING INFORMATION
Part Number
Package
Maximum Operation Frequency
µPD30102GM-54-8EV
216-pin plastic LQFP (fine pitch) (24
× 24 mm)
54 MHz
µPD30102GM-66-8EV
216-pin plastic LQFP (fine pitch) (24
× 24 mm)
66 MHz
µPD30102S1-54-3C
224-pin plastic FBGA (16
× 16 mm)
54 MHz
µPD30102S1-66-3C
224-pin plastic FBGA (16
× 16 mm)
66 MHz
1.3 64-BIT ARCHITECTURE
The VR4102 microprocessor has a 64-bit architecture. However, it can also run 32-bit applications.
1.4 VR4102 PROCESSOR
The VR4102 consists of the VR4100 CPU core and seventeen peripheral units. It can connect external controllers
directly.
Figure 1-1 is an internal block diagram of the VR4102 processor.
Figure 1-1. VR4102 Internal Block Diagram and Example of Connection to External Blocks
48MHz
VR4100 CPU core
BCU
DMAAU
PMU
ICU
DSU
RTC
CMU
PIU
KIU
GIU
AIU
SIU
OSB
OSB
RS-232-C
Driver
LCD Module
PCMCIA
/Buffer
VR4102
32.768kHz
LCD Panel
µPD16661
Touch Panel
EDO DRAM
PCcard
A/D
D/A
HSP
CODEC
AFE
18.432MHz
PLL
IR
Driver
FIR
DCU
LED
ROM/
Flash memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com