Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 33 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 33 Page - NEC

Back Button VR4102 Datasheet HTML 29Page - NEC VR4102 Datasheet HTML 30Page - NEC VR4102 Datasheet HTML 31Page - NEC VR4102 Datasheet HTML 32Page - NEC VR4102 Datasheet HTML 33Page - NEC VR4102 Datasheet HTML 34Page - NEC VR4102 Datasheet HTML 35Page - NEC VR4102 Datasheet HTML 36Page - NEC VR4102 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 701 page
background image
CHAPTER 1 INTRODUCTION
33
1.4.2 I/O Registers
The I/O registers are used for peripheral unit control.
Table 1-1. BCU Registers
Register symbols
Function
Address
BCUCNTREG 1
BCU Control Register 1
0x0B00 0000
BCUCNTREG 2
BCU Control Register 2
0x0B00 0002
BCUSPEEDREG
BCU Access Cycle Change Register
0x0B00 000A
BCUERRSTREG
BCU BUS ERROR Status Register
0x0B00 000C
BCURFCNTREG
BCU Refresh Control Register
0x0B00 000E
REVIDREG
Peripheral Unit Revision ID Register
0x0B00 0010
BCURFCOUNTREG
BCU Refresh Cycle Count Register
0x0B00 0012
CLKSPEEDREG
Clock Setting Register
0x0B00 0014
Table 1-2. DMAAU Registers
Register symbols
Function
Address
AIUIBALREG
AIU IN DMA Base Address Register Low
0x0B00 0020
AIUIBAHREG
AIU IN DMA Base Address Register High
0x0B00 0022
AIUIALREG
AIU IN DMA Address Register Low
0x0B00 0024
AIUIAHREG
AIU IN DMA Address Register High
0x0B00 0026
AIUOBALREG
AIU OUT DMA Base Address Register Low
0x0B00 0028
AIUOBAHREG
AIU OUT DMA Base Address Register High
0x0B00 002A
AIUOALREG
AIU OUT DMA Address Register Low
0x0B00 002C
AIUOAHREG
AIU OUT DMA Address Register High
0x0B00 002E
FIRBALREG
FIR DMA Base Address Register Low
0x0B00 0030
FIRBAHREG
FIR DMA Base Address Register High
0x0B00 0032
FIRALREG
FIR DMA Address Register Low
0x0B00 0034
FIRAHREG
FIR DMA Address Register High
0x0B00 0036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com