Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 82 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 82 Page - NEC

Back Button VR4102 Datasheet HTML 78Page - NEC VR4102 Datasheet HTML 79Page - NEC VR4102 Datasheet HTML 80Page - NEC VR4102 Datasheet HTML 81Page - NEC VR4102 Datasheet HTML 82Page - NEC VR4102 Datasheet HTML 83Page - NEC VR4102 Datasheet HTML 84Page - NEC VR4102 Datasheet HTML 85Page - NEC VR4102 Datasheet HTML 86Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 701 page
background image
CHAPTER 3 CPU INSTRUCTION SET SUMMARY
82
3.2 INSTRUCTION CLASSES
3.2.1 Load and Store Instructions
Load and store are immediate (I-type) instructions that move data between memory and the general-purpose
registers. The only addressing mode that load and store instructions directly support is base register plus 16-bit
signed immediate offset.
(1) Scheduling a Load Delay Slot
A load instruction that does not allow its result to be used by the instruction immediately following is called a
delayed load instruction. The instruction slot immediately following this delayed load instruction is referred to as
the load delay slot.
In the VR4000 Series, a load instruction can be followed directly by an instruction that accesses a register that is
loaded by the load instruction. In this case, however, an interlock occurs for a necessary number of cycles. Any
instruction can follow a load instruction, but the load delay slot should be scheduled appropriately for both
performance and compatibility with the VR3000
TM Series microprocessors. For detail, see CHAPTER 4 VR4102
PIPELINE.
(2) Store Delay Slot
When a store instruction is writing data to a cache, the data cache is kept busy at the DC and WB stages. If an
instruction (such as load) that follows directly the store instruction accesses the data cache in the DC stage, a
hardware-driven interlock occurs. To overcome this problem, the store delay slot should be scheduled.
Table 3-1. Number of Delay Slot Cycles Necessary for Load and Store Instructions
Instruction
Necessary number of PCycles
Load
1
Store
1
(3) Defining Access Types
Access type indicates the size of a VR4102 processor data item to be loaded or stored, set by the load or store
instruction opcode. Access types and accessed byte are shown in Table 3-2
.
Regardless of access type or byte ordering (endianness), the address given specifies the low-order byte in the
addressed field. For a little-endian configuration, the low-order byte is the least-significant byte.
The access type, together with the three low-order bits of the address, define the bytes accessed within the
addressed doubleword (shown in Table 3-2). Only the combinations shown in Table 3-2 are permissible; other
combinations cause address error exceptions.
Tables 3-3 and 3-4 list the ISA-defined load/store instructions and expand-ISA instructions, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com