Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 99 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 99 Page - NEC

Back Button VR4102 Datasheet HTML 95Page - NEC VR4102 Datasheet HTML 96Page - NEC VR4102 Datasheet HTML 97Page - NEC VR4102 Datasheet HTML 98Page - NEC VR4102 Datasheet HTML 99Page - NEC VR4102 Datasheet HTML 100Page - NEC VR4102 Datasheet HTML 101Page - NEC VR4102 Datasheet HTML 102Page - NEC VR4102 Datasheet HTML 103Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 701 page
background image
99
CHAPTER 4 VR4102 PIPELINE
This chapter describes the basic operation of the VR4102 processor pipeline, which includes descriptions of the
delay slots (instructions that follow a branch or load instruction in the pipeline), interrupts to the pipeline flow caused
by interlocks and exceptions, and CP0 hazards.
4.1 PIPELINE STAGES
The VR4102 has a five-stage instruction pipeline; each stage takes one PCycle (one cycle of Pclock), and each
PCycle has two phases:
)1 and )2, as shown in Figure 4-1. Thus, the execution of each instruction takes at least
5 PCycles. An instruction can take longer - for example, if the required data is not in the cache, the data must be
retrieved from main memory. Once the pipeline has been filled, five instructions are executed simultaneously.
Figure 4-1. Pipeline Stages
Cycle
Phase
PCycle
PClock
IF
)2
)1
)2
)1
)2
)1
)2
)1
)2
)1
RF
EX
DC
WB
The five pipeline stages are:
— IF - Instruction cache fetch
— RF - Register fetch
— EX - Execution
— DC - Data cache fetch
— WB - Write back
Figure 4-2 shows the five stages of the instruction pipeline. In this figure, a row indicates the execution process
of each instruction, and a column indicates the processes executed simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com