Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 90 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 90 Page - NEC

Back Button VR4102 Datasheet HTML 86Page - NEC VR4102 Datasheet HTML 87Page - NEC VR4102 Datasheet HTML 88Page - NEC VR4102 Datasheet HTML 89Page - NEC VR4102 Datasheet HTML 90Page - NEC VR4102 Datasheet HTML 91Page - NEC VR4102 Datasheet HTML 92Page - NEC VR4102 Datasheet HTML 93Page - NEC VR4102 Datasheet HTML 94Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 701 page
background image
CHAPTER 3 CPU INSTRUCTION SET SUMMARY
90
Table 3-10. Multiply/Divide Instructions
Instruction
Format and Description
Multiply
MULT rs, rt
The contents of registers rt and rs are multiplied, treating both operands as 32-bit signed integers. The
64-bit result is stored into special registers HI and LO. In the 64-bit mode, the operand must be sign
extended.
Multiply Unsigned
MULTU rs, rt
The contents of registers rt and rs are multiplied, treating both operands as 32-bit unsigned integers.
The 64-bit result is stored into special registers HI and LO. In the 64-bit mode, the operand must be
sign extended.
Divide
DIV rs, rt
The contents of register rs are divided by that of register rt, treating both operands as 32-bit signed
integers. The 32-bit quotient is stored into special register LO, and the 32-bit remainder is stored into
special register HI. In the 64-bit mode, the operand must be sign extended.
Divide Unsigned
DIVU rs, rt
The contents of register rs are divided by that of register rt, treating both operands as 32-bit unsigned
integers. The 32-bit quotient is stored into special register LO, and the 32-bit remainder is stored into
special register HI. In the 64-bit mode, the operand must be sign extended.
Move From HI
MFHI rd
The contents of special register HI are loaded into register rd.
Move From LO
MFLO rd
The contents of special register LO are loaded into register rd.
Move To HI
MTHI rs
The contents of register rs are loaded into special register HI.
Move To LO
MTLO rs
The contents of register rs are loaded into special register LO.
Table 3-11. Multiply/Divide Instructions (Extended ISA) (1/2)
Instruction
Format and Description
Doubleword Multiply
DMULT rs, rt
The contents of registers rt and rs are multiplied, treating both operands as signed integers. The 128-
bit result is stored into special registers HI and LO.
Doubleword Multiply
Unsigned
DMULTU rs, rt
The contents of registers rt and rs are multiplied, treating both operands as unsigned integers. The
128-bit result is stored into special registers HI and LO.
Doubleword Divide
DDIV rs, rt
The contents of register rs are divided by that of register rt, treating both operands as signed integers.
The 64-bit quotient is stored into special register LO, and the 64-bit remainder is stored into special
register HI.
Doubleword Divide
Unsigned
DDIVU rs, rt
The contents of register rs are divided by that of register rt, treating both operands as unsigned
integers. The 64-bit quotient is stored into special register LO, and the 64-bit remainder is stored into
special register HI.
op
rs
rt
funct
rd
sa
op
rs
rt
funct
rd
sa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com