Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 61 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 61 Page - NEC

Back Button VR4102 Datasheet HTML 57Page - NEC VR4102 Datasheet HTML 58Page - NEC VR4102 Datasheet HTML 59Page - NEC VR4102 Datasheet HTML 60Page - NEC VR4102 Datasheet HTML 61Page - NEC VR4102 Datasheet HTML 62Page - NEC VR4102 Datasheet HTML 63Page - NEC VR4102 Datasheet HTML 64Page - NEC VR4102 Datasheet HTML 65Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
61
PIN IDENTIFICATION
ADD [0:25]
: Address Bus
IRDOUT#
: IrDA Data Output
ADIN [0:2]
: General Purpose Input for A/D
IRING
: Input Ring
AFERST#
: AFE Reset
KPORT [0:7]
: Key Code Data Input
AGND
: GND for A/D
KSCAN [0:11]
: Key Scan Line
AUDIOIN
: Audio Input
LCAS#
: Lower Column Address Strobe
AUDIOOUT
: Audio Output
LCDCS#
: LCD Chip Select
AVDD
: VDD for A/D
LCDRDY
: LCD Ready
BATTINH
: Battery Inhibit
LEDOUT#
: LED Output
BATTINT#
: Battery Interrupt Request
MEMCS16#
: Memory Chip Select 16
BUSCLK
: System Bus Clock
MEMR#
: Memory Read
CGND
: GND for Oscillator
MEMW#
: Memory Write
CLKSEL [0:2]
: Clock Select
MPOWER
: Main Power
CLKX1
: Clock X1
MRAS [0:3]#
: DRAM Row Address Strobe
CLKX2
: Clock X2
MUTE
: Mute
CTS#
: Clear to Send
OFFHOOK
: Off Hook
CVDD
: VDD for Oscillator
OPD#
: Output Power Down
DATA [0:31]
: Data Bus
PIUGND
: GND for Touch Panel Interface
DBUS32
: Data Bus 32
PIUVDD
: VDD for Touch Panel Interface
DCD#
: Data Carrier Detect
POWER
: Power Switch
DCTS#
: Debug Serial Clear to Send
POWERON
: Power On State
DDIN
: Debug Serial Data Input
RD#
: Read
DDOUT
: Debug Serial Data Output
ROMCS [0:3]#
: ROM Chip Select
DGND
: GND for D/A
RSTOUT
: System Bus Reset Output
DRTS#
: Debug Serial Request to Send
RSTSW#
: Reset Switch
DSR#
: Data Set Ready
RTCRST#
: Real-time Clock Reset
DTR#
: Data Terminal Ready
RTCX1
: Real-time Clock X1
DVDD
: VDD for D/A
RTCX2
: Real-time Clock X2
FIRCLK
: FIR Clock
RTS#
: Request to Send
FIRDIN#
: FIR Data Input
RxD
: Receive Data
FS
: Frame Synchronization
SDI
: HSP Serial Data Input
GND
: Ground
SDO
: HSP Serial Data Output
GNDP
: Ground for PLL
SEL
: IrDA Module Select
GPIO [0:49]
: General Purpose I/O
SHB#
: System Hi-Byte Enable
HC0
: Hardware Control 0
TELCON
: Telephone Control
HLDACK#
: Hold Acknowledge
TPX [0:1]
: Touch Panel X I/O
HLDRQ#
: Hold Request
TPY [0:1]
: Touch Panel Y I/O
HSPMCLK
: HSP Codec Master Clock
TxD
: Transmit Data
HSPSCLK
: HSP Codec Serial Clock
UCAS#
: Upper Column Address Strobe
IC
: Internally Connected
ULCAS#
: Lower Byte of Upper Column
ILCSENSE
: Input Loop Current Sensing
Address Strobe
IOCHRDY
: I/O Channel Ready
UUCAS#
: Upper Byte of Upper Column
IOCS16#
: I/O Chip Select 16
Address Strobe
IOR#
: I/O Read
VDD
: Power Supply Voltage
IOW#
: I/O Write
VDDP: VDD for PLL
IRDIN
: IrDA Data Input
WR#
: Write
ZWS#
: Zero Wait State
Remark # indicates active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com