Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 87 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 87 Page - NEC

Back Button VR4102 Datasheet HTML 83Page - NEC VR4102 Datasheet HTML 84Page - NEC VR4102 Datasheet HTML 85Page - NEC VR4102 Datasheet HTML 86Page - NEC VR4102 Datasheet HTML 87Page - NEC VR4102 Datasheet HTML 88Page - NEC VR4102 Datasheet HTML 89Page - NEC VR4102 Datasheet HTML 90Page - NEC VR4102 Datasheet HTML 91Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 701 page
background image
CHAPTER 3 CPU INSTRUCTION SET SUMMARY
87
Table 3-5. ALU Immediate Instruction (Extended ISA)
Instruction
Format and Description
Doubleword Add
Immediate
DADDI rt, rs, immediate
The 16-bit immediate is sign extended to 64 bits and then added to the contents of register rs to form a
64-bit result. The result is stored into register rt.
An exception occurs on the generation of integer overflow.
Doubleword Add
Immediate Unsigned
DADDIU rt, rs, immediate
The 16-bit immediate is sign extended to 64 bits and then added to the contents of register rs to form a
64-bit result. The result is stored into register rt.
No exception occurs on the generation of overflow.
Table 3-6. Three Operand Type Instruction
Instruction
Format and Description
Add
ADD rd, rs, rt
The contents of registers rs and rt are added together to form a 32-bit result. The result is stored into
register rd. In the 64-bit mode, the operand must be sign extended. An exception occurs on the
generation of integer overflow.
Add Unsigned
ADDU rd, rs, rt
The contents of registers rs and rt are added together to form a 32-bit result. The result is stored into
register rd. In the 64-bit mode, the operand must be sign extended. No exception occurs on the
generation of integer overflow.
Subtract
SUB rd, rs, rt
The contents of register rt are subtracted from the contents of register rs. The 32-bit result is stored
into register rd. In the 64-bit mode, the operand must be sign extended. An exception occurs on the
generation of integer overflow.
Subtract Unsigned
SUBU rd, rs, rt
The contents of register rt are subtracted from the contents of register rs. The 32-bit result is stored
into register rd. In the 64-bit mode, the operand must be sign extended. No exception occurs on the
generation of integer overflow.
Set On Less Than
SLT rd, rs, rt
The contents of registers rs and rt are compared, treating both operands as signed integers. If the
contents of register rs is less than that of register rt, the result is set to 1; otherwise, the result is set to
0. The result is stored to register rd.
Set On Less Than
Unsigned
SLTU rd, rs, rt
The contents of registers rs and rt are compared treating both operands as unsigned integers. If the
contents of register rs is less than that of register rt, the result is set to 1; otherwise, the result is set to
0. The result is stored to register rd.
And
AND rd, rt, rs
The contents of register rs are logical ANDed with that of general register rt bit-wise. The result is
stored to register rd.
Or
OR rd, rt, rs
The contents of register rs are logical ORed with that of general register rt bit-wise. The result is stored
to register rd.
Exclusive Or
XOR rd, rt, rs
The contents of register rs are logical Ex-ORed with that of general register rt bit-wise. The result is
stored to register rd.
Nor
NOR rd, rt, rs
The contents of register rs are logical NORed with that of general register rt bit-wise. The result is
stored to register rd.
op
rs
rt
immediate
op
rs
rt
funct
rd
sa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com