Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 53 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 53 Page - NEC

Back Button VR4102 Datasheet HTML 49Page - NEC VR4102 Datasheet HTML 50Page - NEC VR4102 Datasheet HTML 51Page - NEC VR4102 Datasheet HTML 52Page - NEC VR4102 Datasheet HTML 53Page - NEC VR4102 Datasheet HTML 54Page - NEC VR4102 Datasheet HTML 55Page - NEC VR4102 Datasheet HTML 56Page - NEC VR4102 Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 701 page
background image
CHAPTER 1 INTRODUCTION
53
1.7 INSTRUCTION PIPELINE
The VR4102 has a 5-stage instruction pipeline.
Under normal circumstances, one instruction is issued each
cycle.
A detailed description of pipeline is provided in Chapter 4.
1.8 CLOCK INTERFACE
The VR4102 has the following nine clocks.
—
—
—
— CLKX1, CLKX2 (input)
These are oscillation inputs of 18.432 MHz, and used to generate operation clocks for the CPU core and
serial interface.
—
—
—
— RTCX1, RTCX2 (input)
These are oscillation inputs of 32.768 kHz, and used for PMU and RTC.
—
—
—
— FIRCLK (input)
This is a 48-MHz clock input, and used for FIR.
—
—
—
— PClock (internal)
This clock is used to control the pipeline used in the VR4100 CPU core, and for units relating to the pipeline.
This clock is generated from the clock input of CLKX1 and CLKX2 pins. Its frequency is determined by
CLKSEL[2..0] pins.
—
—
—
— MasterOut (internal)
This is a bus clock of the VR4100 CPU core, and used for interrupt control. Its frequency is 1/4 of PClock
frequency.
—
—
—
— TClock (internal)
This is an operation clock for VR4100 CPU core bus, internal bus of the VR4102, and on-chip peripheral unit.
In the current VR4102, its frequency is 1/2 of PClock frequency.
—
—
—
— BUSCLK (output)
This clock is supplied to the controller on the system bus. Its frequency in determined by CLKSEL[2..0] pins.
—
—
—
— HSPMCLK (output)
This clock is supplied to the external CODEC. Its frequency is determined by the HSPMCLKD register.
—
—
—
— HSPSCLK (input)
This is an operation clock for the external CODEC and the modem interface.
Figure 1-9 shows an external circuit of the clock oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com