Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 77 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 77 Page - NEC

Back Button VR4102 Datasheet HTML 73Page - NEC VR4102 Datasheet HTML 74Page - NEC VR4102 Datasheet HTML 75Page - NEC VR4102 Datasheet HTML 76Page - NEC VR4102 Datasheet HTML 77Page - NEC VR4102 Datasheet HTML 78Page - NEC VR4102 Datasheet HTML 79Page - NEC VR4102 Datasheet HTML 80Page - NEC VR4102 Datasheet HTML 81Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
77
Table 2-16. Connection of Unused Pins and Pin I/O Circuit Type (2/3)
Signal
Internal
processing
External
processing
Drive
capability
I/O circuit type
HLDRQ#
Note 1
Note 2
ð
A
HLDACK#
ðð
40 pF
A
RTCX1
ð
Resonator
ðð
RTCX2
ð
Resonator
ðð
CLKX1
ð
Resonator
ðð
CLKX2
ð
Resonator
ðð
FIRCLK
ð
Note 3
ð
A
BATTINH/
BATTINT#
Schmitt
ðð
B
MPOWER
ðð
40 pF
A
POWERON
ðð
40 pF
A
POWER
Schmitt
ðð
B
RSTSW#
Schmitt
ðð
B
RTCRST#
Schmitt
ðð
B
RxD
ðð
ð
A
TxD/CLKSEL[2]
ð
Pull up
Pull down
40 pF
A
RTS#/CLKSEL[1]
ð
Pull up
Pull down
40 pF
A
CTS#
ðð
ð
A
DCD#/GPIO[15]
ð
Pull up
ð
A
DTR#/CLKSEL[0]
ð
Pull up
Pull down
40 pF
A
DSR#
ðð
ð
A
IRDIN
ð
Pull up
ð
A
IRDOUT#
ðð
40 pF
A
FIRDIN#/SEL
ð
Pull up
Pull down
40 pF
A
DDIN/
GPIO[45]
Note 4
ðð
40 pF
A
DDOUT/
GPIO[44]
Note 4
ðð
40 pF
A
DRTS#/
GPIO[46]
Note 4
ðð
40 pF
A
DCTS#/
GPIO[47]
Note 4
ðð
40 pF
A
Notes 1. Intermediate-level input is enabled when the MPOWER pin is set for low-level output.
2. When the bus hold function is used : Pull up.
When the bus hold function is not used : Connect to VDD.
3. When FIR unit is used : Attach an oscillator.
When FIR unit is not used : Connect to VDD.
4. This pin can be switched by software between function-pin and output-port uses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com