Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 39 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 39 Page - NEC

Back Button VR4102 Datasheet HTML 35Page - NEC VR4102 Datasheet HTML 36Page - NEC VR4102 Datasheet HTML 37Page - NEC VR4102 Datasheet HTML 38Page - NEC VR4102 Datasheet HTML 39Page - NEC VR4102 Datasheet HTML 40Page - NEC VR4102 Datasheet HTML 41Page - NEC VR4102 Datasheet HTML 42Page - NEC VR4102 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 701 page
background image
CHAPTER 1 INTRODUCTION
39
Table 1-11. AIU Registers
Register symbols
Function
Address
MDMADATREG
Mike DMA Data Register
0x0B00 0160
SDMADATREG
Speaker DMA Data Register
0x0B00 0162
SODATREG
Speaker Output Data Register
0x0B00 0166
SCNTREG
Speaker Output Control Register
0x0B00 0168
SCNVRREG
Speaker Conversion Rate Register
0x0B00 016A
MIDATREG
Mike Input Data Register
0x0B00 0170
MCNTREG
Mike Input Control Register
0x0B00 0172
MCNVRREG
Mike Conversion Rate Register
0x0B00 0174
DVALIDREG
Data Valid Register
0x0B00 0178
SEQREG
Sequential Operation Enable Register
0x0B00 017A
INTREG
AIU Interrupt Register
0x0B00 017C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com