Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 81 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 81 Page - NEC

Back Button VR4102 Datasheet HTML 77Page - NEC VR4102 Datasheet HTML 78Page - NEC VR4102 Datasheet HTML 79Page - NEC VR4102 Datasheet HTML 80Page - NEC VR4102 Datasheet HTML 81Page - NEC VR4102 Datasheet HTML 82Page - NEC VR4102 Datasheet HTML 83Page - NEC VR4102 Datasheet HTML 84Page - NEC VR4102 Datasheet HTML 85Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 701 page
background image
81
CHAPTER 3 CPU INSTRUCTION SET SUMMARY
This chapter is an overview of the central processing unit (CPU) instruction set; refer to the Chapter 27 for
detailed descriptions of individual CPU instructions.
3.1 CPU INSTRUCTION FORMATS
Each CPU instruction consists of a single 32-bit word, aligned on a word boundary. There are three instruction
formats - immediate (I-type), jump (J-type), and register (R-type) - as shown in Figure 3-1. The use of a small
number of instruction formats simplifies instruction decoding, allowing the compiler to synthesize more complicated
and less frequently used instruction and addressing modes from these three formats as needed.
Figure 3-1. CPU Instruction Formats
I-type (immediate)
op
0
15
16
20
21
25
26
31
J-type (jump)
op
target
0
25
26
31
R-type (register)
immediate:
func:
sa:
rd:
target:
6-bit function field
5-bit shift amount
5-bit destination register specifier
26-bit unconditional branch target address
16-bit immediate value, branch displacement or
address displacement
5-bit target (source/destination) register or branch
condition
6-bit operation code
5-bit source register specifier
rt:
rs:
op:
op
0
15
16
20
21
25
26
31
5
6
10
11
rs
rt
immediate
rs
rt
rd
sa
func
(1) Support of the MIPS ISA
The VR4102 does not support a multiprocessor operating environment.
Thus the synchronization support
instructions defined in the MIPS II and MIPS III ISA - the load linked and store conditional instructions - cause
reserved instruction exception. The load/link (LL) bit is eliminated.
Note that the SYNC instruction is handled as a NOP instruction since all load/store instructions in this processor
are executed in program order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com