Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 93 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 93 Page - NEC

Back Button VR4102 Datasheet HTML 89Page - NEC VR4102 Datasheet HTML 90Page - NEC VR4102 Datasheet HTML 91Page - NEC VR4102 Datasheet HTML 92Page - NEC VR4102 Datasheet HTML 93Page - NEC VR4102 Datasheet HTML 94Page - NEC VR4102 Datasheet HTML 95Page - NEC VR4102 Datasheet HTML 96Page - NEC VR4102 Datasheet HTML 97Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 701 page
background image
CHAPTER 3 CPU INSTRUCTION SET SUMMARY
93
Table 3-14. Jump Instruction
Instruction
Format and Description
Jump
J target
The contents of 26-bit target address is shifted left by two bits and combined with the high-order four
bits of the PC. The program jumps to this calculated address with a delay of one instruction.
Jump And Link
JAL target
The contents of 26-bit target address is shifted left by two bits and combined with the high-order four
bits of the PC. The program jumps to this calculated address with a delay of one instruction. The
address of the instruction following the delay slot is stored into r31 (link register).
Instruction
Format and Description
Jump Register
JR rs
The program jumps to the address specified in register rs with a delay of one instruction.
Jump And Link
Register
JALR rs, rd
The program jumps to the address specified in register rs with a delay of one instruction.
The address of the instruction following the delay slot is stored into rd.
There are the following common restrictions for Tables 3-15 and 3-16.
(1) Branch address
All branch instruction target addresses are computed by adding the address of the instruction in the delay slot to
the 16-bit offset (shifted left by 2 bits and sign-extended to 64 bits). All branches occur with a delay of one
instruction.
(2) Operation when unbranched
If the branch condition does not meet in executing a Likely instruction, the instruction in its delay slot is nullified.
For all other branch instructions, the instruction in its delay slot is unconditionally executed.
Remark The target instruction of the branch is fetched at the EX stage of the branch instruction. Comparison
of the operands of the branch instruction and calculation of the target address is performed at phase 2
of the RF stage and phase 1 of the EX stage of the instruction. Branch instructions require one cycle
of the branch delay slot defined by the architecture. Jump instructions also require one cycle of delay
slot. If the branch condition is not satisfied in a branch likely instruction, the instruction in its delay slot
is nullified.
op
rs
rt
funct
rd
sa
op
target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com