Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 59 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 59 Page - NEC

Back Button VR4102 Datasheet HTML 55Page - NEC VR4102 Datasheet HTML 56Page - NEC VR4102 Datasheet HTML 57Page - NEC VR4102 Datasheet HTML 58Page - NEC VR4102 Datasheet HTML 59Page - NEC VR4102 Datasheet HTML 60Page - NEC VR4102 Datasheet HTML 61Page - NEC VR4102 Datasheet HTML 62Page - NEC VR4102 Datasheet HTML 63Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
59
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
A1
VDD
C15
RTS#/CLKSEL1
H15
GND
A2
SHB#
C16
GND
H16
KPORT6
A3
BUSCLK
C17
ILCSENSE
H17
KPORT4
A4
HLDACK#
C18
AFERST#
H18
VDD
A5
IOCHRDY
D1
DATA5
J1
DATA20/GPIO20
A6
MEMW#
D2
DATA3
J2
DATA17/GPIO17
A7
ADD23
D3
DATA6
J3
DATA22/GPIO22
A8
VDD
D4
GND
J4
DATA19/GPIO19
A9
ADD18
D5
MEMCS16#
J15
KSCAN9/GPIO41
A10
ADD15
D6
ADD25
J16
VDD
A11
ADD8
D7
GND
J17
GND
A12
ADD7
D8
ADD19
J18
KSCAN11/GPIO43
A13
VDD
D9
ADD16
K1
DATA23/GPIO23
A14
DCD#/GPIO15
D10
ADD14
K2
DATA26/GPIO26
A15
TxD/CLKSEL2
D11
VDD
K3
DATA25/GPIO25
A16
IRDOUT#
D12
GND
K4
DATA21/GPIO21
A17
IRING
D13
ADD4
K15
KSCAN7/GPIO39
A18
VDD
D14
CTS#
K16
KSCAN10/GPIO42
B1
DATA1
D15
GND
K17
KSCAN5/GPIO37
B2
IOR#
D16
GND
K18
KSCAN8/GPIO40
B3
IOW#
D17
SDI
L1
DATA27/GPIO27
B4
LEDOUT#
D18
SDO
L2
DATA31/GPIO31
B5
FIRCLK
E1
DATA9
L3
DATA29/GPIO29
B6
HLDRQ#
E2
DATA4
L4
DATA24/GPIO24
B7
ZWS#
E3
DATA7
L15
KSCAN3/GPIO35
B8
ADD24
E4
DATA10
L16
KSCAN6/GPIO38
B9
ADD21
E15
OPD#
L17
KSCAN0/GPIO32
B10
ADD12
E16
HSPSCLK
L18
KSCAN4/GPIO36
B11
ADD6
E17
FS
M1
DATA30/GPIO30
B12
GND
E18
HC0
M2
VDD
B13
DSR#
F1
DATA13
M3
GND
B14
IRDIN
F2
DATA8
M4
DATA28/GPIO28
B15
FIRDIN#/SEL
F3
DATA11
M15
KSCAN2/GPIO34
B16
BATTINH/BATTINT#
F4
DATA14
M16
IC (Open)
B17
OFFHOOK
F15
KPORT3
M17
GND
B18
MUTE
F16
HSPMCLK
M18
KSCAN1/GPIO33
C1
DATA2
F17
TELCON
N1
VDD
C2
DATA0
F18
KPORT1
N2
ADD3
C3
GND
G1
VDD
N3
ADD10
C4
GND
G2
DATA12
N4
GND
C5
GND
G3
DATA15
N15
GND
C6
IOCS16#
G4
GND
N16
VDD
C7
MEMR#
G15
KPORT7
N17
VDDP
C8
ADD22
G16
KPORT2
N18
GND
C9
ADD20
G17
KPORT0
P1
ADD9
C10
ADD17
G18
KPORT5
P2
ADD0
C11
ADD13
H1
DATA16/GPIO16
P3
ADD2
C12
ADD5
H2
GND
P4
ADD11
C13
RxD
H3
DATA18/GPIO18
P15
VDD
C14
DTR#/CLKSEL0
H4
VDD
P16
GNDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com