Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 41 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 41 Page - NEC

Back Button VR4102 Datasheet HTML 37Page - NEC VR4102 Datasheet HTML 38Page - NEC VR4102 Datasheet HTML 39Page - NEC VR4102 Datasheet HTML 40Page - NEC VR4102 Datasheet HTML 41Page - NEC VR4102 Datasheet HTML 42Page - NEC VR4102 Datasheet HTML 43Page - NEC VR4102 Datasheet HTML 44Page - NEC VR4102 Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 701 page
background image
CHAPTER 1 INTRODUCTION
41
Table 1-14. LED Registers
Register symbols
Function
Address
LEDHTSREG
LED H Time Set Register
0x0B00 0240
LEDLTSREG
LED L Time Set Register
0x0B00 0242
LEDCNTREG
LED Control Register
0x0B00 0248
LEDASTCREG
LED Auto Stop Time Count Register
0x0B00 024A
LEDINTREG
LED Interrupt Register
0x0B00 024C
Table 1-15. SIU Registers
Register symbols
Function
LCR[7]
Address
SIURB
Receiver Buffer Register (Read)
SIUTH
Transmitter Holding Register (Write)
0
SIUDLL
Divisor Latch (Least Significant Byte) Register
1
0x0C00 0000
SIUIE
Interrupt Enable Register
0
SIUDLM
Divisor Latch (Most Significant Byte) Register
1
0x0C00 0001
SIUIID
Interrupt Identification Register (Read)
SIUFC
FIFO Control Register (Write)
-
0x0C00 0002
SIULC
Line Control Register
-
0x0C00 0003
SIUMC
MODEM Control Register
-
0x0C00 0004
SIULS
Line Status Register
-
0x0C00 0005
SIUMS
MODEM Status Register
-
0x0C00 0006
SIUSC
Scratch Register
-
0x0C00 0007
SIUIRSEL
SIU/FIR IrDA Selector
-
0x0C00 0008
Remark
LCR[7] is bit 7 of the SIULC register.
Table 1-16. HSP Registers
Register symbols
Function
Address
HSPINIT
HSP Initialize Register
0x0C00 0020
HSPDATA[7:0]
HSP Data Register [7:0]
0x0C00 0022
HSPDATA[15:8]
HSP Data Register [15:8]
0x0C00 0023
HSPINDEX
HSP Index Register
0x0C00 0024
HSPID[7:0]
HSP ID Register
0x0C00 0028
HSPPCS[7:0]
HSP I/O Address Program Confirmation Register
0x0C00 0029
HSPPCTEL[7:0]
HSP Signature Checking Port
0x0C00 0029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com