Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 64 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 64 Page - NEC

Back Button VR4102 Datasheet HTML 60Page - NEC VR4102 Datasheet HTML 61Page - NEC VR4102 Datasheet HTML 62Page - NEC VR4102 Datasheet HTML 63Page - NEC VR4102 Datasheet HTML 64Page - NEC VR4102 Datasheet HTML 65Page - NEC VR4102 Datasheet HTML 66Page - NEC VR4102 Datasheet HTML 67Page - NEC VR4102 Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
64
Table 2-1. System Bus Interface Signals (2/2)
Signal
I/O
Description of function
BUSCLK
O
This is the system bus clock. It is used to output the clock that is supplied to the controller on the
system bus. Its frequency is determined by the state of the CLKSEL2/TXD, CLKSEL1/RTS#, and
CLKSEL0/DTR pins. (See 2.2.5 RS-232-C Interface Signals.)
SHB#
O
This is the system bus high-byte enable signal. During system bus access, this signal is active when the
high-order byte is valid on the data bus.
IOR#
O
This is the system bus I/O read signal. It is active when the VR4102 accesses the system bus to read
data from an I/O port.
IOW#
O
This is the system bus I/O write signal. It is active when the VR4102 accesses the system bus to write
data to an I/O port.
MEMR#
O
This is the system bus memory read signal. It is active when the VR4102 accesses the system bus to
read data from memory.
MEMW#
O
This is the system bus memory write signal. It is active when the VR4102 accesses the system bus to
write data to memory.
ZWS#
I
This is the system bus zero wait state signal. Set this signal as active to enable the controller on the
system bus to be accessed by the VR4102 without a wait interval.
RSTOUT
O
This is the system bus reset signal. It is active when the VR4102 resets the system bus controller.
MEMCS16#
I
This is a dynamic bus sizing request signal.
Set this signal as active when system bus memory accesses data in 16-bit width. (However, the DRAM
bus memory space that is controlled by the DBUS 32 pin is excepted.)
IOCS16#
I
This is a dynamic bus sizing request signal.
Set this signal as active when system bus I/O accesses data in 16-bit width.
IOCHRDY
I
This is the system bus ready signal. Set this signal as active when the system bus controller is ready to
be accessed by the VR4102.
HLDRQ#
I
This is a hold request signal for the system bus and DRAM bus that is sent from an external bus master.
HLDACK#
O
This is a hold acknowledge signal for the system bus and DRAM bus that is sent to an external bus
master.
DBUS32/
GPIO[48]
I/O
This function differs depending on the operating status.
•
In normal operation (output)
It can be used as a general-purpose output port.
•
After RTC reset (input)
It is a data bus width switching signal.
Sampling occurs when the RTCRST signal changes from low to high.
1 : Use 32-bit width for data bus
0 : Use 16-bit width for data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com