Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 47 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 47 Page - NEC

Back Button VR4102 Datasheet HTML 43Page - NEC VR4102 Datasheet HTML 44Page - NEC VR4102 Datasheet HTML 45Page - NEC VR4102 Datasheet HTML 46Page - NEC VR4102 Datasheet HTML 47Page - NEC VR4102 Datasheet HTML 48Page - NEC VR4102 Datasheet HTML 49Page - NEC VR4102 Datasheet HTML 50Page - NEC VR4102 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 701 page
background image
CHAPTER 1 INTRODUCTION
47
1.5.4 Data Formats and Addressing
The VR4102 uses following four data formats:
Doubleword (64 bits)
Word (32 bits)
Halfword (16 bits)
Byte (8 bits)
For the VR4100 CPU core, byte ordering within all of the larger data formats - halfword, word, doubleword - can
be configured in either big-endian or little-endian order. However, the VR4102 supports the little-endian order
only.
Endianness refers to the location of byte 0 within the multi-byte data structure. Figure 1-5 shows the ordering of
bytes within words and the ordering of words within doubleword structures for the little-endian conventions.
When configured as a little-endian system, byte 0 is always the least-significant (rightmost) byte, which is
compatible with iAPXTM and DEC VAXTM conventions. Figure 1-5 shows this configuration.
Figure 1-5. Little-Endian Byte Ordering in Word Data
12
12
13
14
15
0
15
16
8
23
24
7
31
8
8
9
10
11
4
4
5
6
7
0
0
1
2
3
Lower
address
Higher
address
Word
address
Bit No.
Remarks 1. The lowest byte is the lowest address.
2. The address of word data is specified by the lowest byte’s address.
In this manual, bit 0 is always the least-significant (rightmost) bit; thus, bit designations are always little-endian.
Figure 1-6 shows little-endian byte ordering in doublewords.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com