Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 37 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 37 Page - NEC

Back Button VR4102 Datasheet HTML 33Page - NEC VR4102 Datasheet HTML 34Page - NEC VR4102 Datasheet HTML 35Page - NEC VR4102 Datasheet HTML 36Page - NEC VR4102 Datasheet HTML 37Page - NEC VR4102 Datasheet HTML 38Page - NEC VR4102 Datasheet HTML 39Page - NEC VR4102 Datasheet HTML 40Page - NEC VR4102 Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 701 page
background image
CHAPTER 1 INTRODUCTION
37
Table 1-8. DSU Registers
Register symbols
Function
Address
DSUCNTREG
DSU Control Register
0x0B00 00E0
DSUSETREG
DSU Cycle (Dead Time) Set Register
0x0B00 00E2
DSUCLRREG
DSU Clear Register
0x0B00 00E4
DSUTIMREG
DSU Elapsed Time Register
0x0B00 00E6
Table 1-9. GIU Registers
Register symbols
Function
Address
GIUIOSELL
GPIO Input/Output Select Register L
0x0B00 0100
GIUIOSELH
GPIO Input/Output Select Register H
0x0B00 0102
GIUPIODL
GPIO Port Input/Output Data Register L
0x0B00 0104
GIUPIODH
GPIO Port Input/Output Data Register H
0x0B00 0106
GIUINTSTATL
GPIO Interrupt Status Register L
0x0B00 0108
GIUINTSTATH
GPIO Interrupt Status Register H
0x0B00 010A
GIUINTENL
GPIO Interrupt Enable Register L
0x0B00 010C
GIUINTENH
GPIO Interrupt Enable Register H
0x0B00 010E
GIUINTTYPL
GPIO Interrupt Type (Edge or Level) Select Register L
0x0B00 0110
GIUINTTYPH
GPIO Interrupt Type (Edge or Level) Select Register H
0x0B00 0112
GIUINTALSELL
GPIO Interrupt Active Level Select Register L
0x0B00 0114
GIUINTALSELH
GPIO Interrupt Active Level Select Register H
0x0B00 0116
GIUINTHTSELL
GPIO Interrupt Hold/Through Select Register L
0x0B00 0118
GIUINTHTSELH
GPIO Interrupt Hold/Through Select Register H
0x0B00 011A
GIUPODATL
GPIO Port Output Data Register L
0x0B00 011C
GIUPODATH
GPIO Port Output Data Register H
0x0B00 011E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com