Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 35 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 35 Page - NEC

Back Button VR4102 Datasheet HTML 31Page - NEC VR4102 Datasheet HTML 32Page - NEC VR4102 Datasheet HTML 33Page - NEC VR4102 Datasheet HTML 34Page - NEC VR4102 Datasheet HTML 35Page - NEC VR4102 Datasheet HTML 36Page - NEC VR4102 Datasheet HTML 37Page - NEC VR4102 Datasheet HTML 38Page - NEC VR4102 Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 701 page
background image
CHAPTER 1 INTRODUCTION
35
Table 1-5. ICU Registers
Register symbols
Function
Address
SYSINT1REG
Level 1 System Interrupt Register 1
0x0B00 0080
PIUINTREG
Level 2 PIU Interrupt Register
0x0B00 0082
AIUINTREG
Level 2 AIU Interrupt Register
0x0B00 0084
KIUINTREG
Level 2 KIU Interrupt Register
0x0B00 0086
GIUINTLREG
Level 2 GIU Interrupt Register Low
0x0B00 0088
DSIUINTREG
Level 2 DSIU Interrupt Register
0x0B00 008A
MSYSINT1REG
Level 1 Mask System Interrupt Register 1
0x0B00 008C
MPIUINTREG
Level 2 Mask PIU Interrupt Register
0x0B00 008E
MAIUINTREG
Level 2 Mask AIU Interrupt Register
0x0B00 0090
MKIUINTREG
Level 2 Mask KIU Interrupt Register
0x0B00 0092
MGIUINTLREG
Level 2 Mask GIU Interrupt Register Low
0x0B00 0094
MDSIUINTREG
Level 2 Mask DSIU Interrupt Register
0x0B00 0096
NMIREG
Battery Interrupt Select Register
0x0B00 0098
SOFTINTREG
Software Interrupt Register
0x0B00 009A
SYSINT2REG
Level 1 System Interrupt Register 2
0x0B00 0200
GIUINTHREG
Level 2 GIU Interrupt Register High
0x0B00 0202
FIRINTREG
Level 2 FIR Interrupt Register
0x0B00 0204
MSYSINT2REG
Level 1 Mask System Interrupt Register 2
0x0B00 0206
MGIUINTHREG
Level 2 Mask GIU Interrupt Register High
0x0B00 0208
MFIRINTREG
Level 2 Mask FIR Interrupt Register
0x0B00 020A
Table 1-6. PMU Registers
Register symbols
Function
Address
PMUINTREG
PMU Interrupt/Status Register
0x0B00 00A0
PMUCNTREG
PMU Control Register
0x0B00 00A2
PMUINT2REG
PMU Interrupt Register 2
0x0B00 00A4
PMUCNT2REG
PMU Control Register 2
0x0B00 00A6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com