Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 78 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 78 Page - NEC

Back Button VR4102 Datasheet HTML 74Page - NEC VR4102 Datasheet HTML 75Page - NEC VR4102 Datasheet HTML 76Page - NEC VR4102 Datasheet HTML 77Page - NEC VR4102 Datasheet HTML 78Page - NEC VR4102 Datasheet HTML 79Page - NEC VR4102 Datasheet HTML 80Page - NEC VR4102 Datasheet HTML 81Page - NEC VR4102 Datasheet HTML 82Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
78
Table 2-16. Connection of Unused Pins and Pin I/O Circuit Type (3/3)
Signal
Internal
processing
External
processing
Drive
capability
I/O circuit type
KPORT[7..0]
Schmitt, Pull down
ðð
F
KSCAN[11..0]/
GPIO[43..32]
Note 1
ðð
40 pF
A
AUDIOOUT
ð
Note 2
ð
G
TPX[1..0]
ðð
120 pF or more
C
TPY[1]
ðð
120 pF or more
D
TPY[0]
ðð
120 pF or more
C
ADIN[2..0]
ðð
ð
E
AUDIOIN
ðð
ð
E
GPIO[14..13]
ð
Pull up
Pull down
40 pF
A
GPIO[12..9]
Schmitt
Pull up
Pull down
40 pF
B
GPIO[8..5]
ð
Pull up
Pull down
40 pF
A
GPIO[4..0]
Schmitt
Pull up
Pull down
40 pF
B
IRING
Schmitt
Pull down
ð
B
ILCSENSE
ð
Pull down
ð
A
OFFHOOK
Note 3
ðð
40 pF
A
MUTE
Note 3
ðð
40 pF
A
AFERST#
Note 3
ðð
40 pF
A
SDI
ð
Pull up
Pull down
ð
A
FS
ð
Pull up
Pull down
ð
A
SDO
ðð
40 pF
A
HSPSCLK
ðð
ð
A
TELCON
Note 3
ðð
40 pF
A
HC0
Note 3
ðð
40 pF
A
HSPMCLK
Note 3
ðð
40 pF
A
OPD#
ðð
40 pF
A
LEDOUT#
ðð
40 pF
A
DBUS32/
GPIO[48]
Note 4
ð
Pull up
Pull down
40 pF
A
GPIO[49]
Note 4
ð
Pull down
ð
A
Notes 1.
This pin can be switched by software between function-pin and output-port uses.
2.
Connect an operation amplifier which has high-impedance input characteristics, since the output level
of AUDIOOUT pin varies according to the external impedance.
3.
Be sure to set BSC bit (DI) of the HSPINT register (0x0C00 0020) to 1 during initialization.
4.
After RTC reset is canceled, this signal functions as an output port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com