Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 76 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 76 Page - NEC

Back Button VR4102 Datasheet HTML 72Page - NEC VR4102 Datasheet HTML 73Page - NEC VR4102 Datasheet HTML 74Page - NEC VR4102 Datasheet HTML 75Page - NEC VR4102 Datasheet HTML 76Page - NEC VR4102 Datasheet HTML 77Page - NEC VR4102 Datasheet HTML 78Page - NEC VR4102 Datasheet HTML 79Page - NEC VR4102 Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
76
2.3.2 Connection of Unused Pins and Pin I/O Circuits
Table 2-16. Connection of Unused Pins and Pin I/O Circuit Type (1/3)
Signal
Internal
processing
External
processing
Drive
capability
I/O circuit type
ADD[25..0]
ðð
120 pF
A
DATA[15..0]
ðð
40 pF
A
DATA[31..16]/
GPIO[31..16]
ðð /
Pull up
Pull down
40 pF
A
LCDCS#
ðð
40 pF
A
RD#
ð
Note 1
120 pF
A
WR#
ð
Note 1
120 pF
A
LCDRDY
ð
Pull up
ð
A
ROMCS[3..0]#
ðð
40 pF
A
UUCAS#/MRAS[3]#
ð
Note 1
40 pF
A
ULCAS#/MRAS[2]#
ð
Note 1
40 pF
A
MRAS[1..0]#
ð
Note 1
40 pF
A
UCAS#
ð
Note 1
40 pF
A
LCAS#
ð
Note 1
40 pF
A
BUSCLK
ðð
40 pF
A
SHB#
ð
Note 1
40 pF
A
IOR#
ð
Note 1
40 pF
A
IOW#
ð
Note 1
40 pF
A
MEMR#
ð
Note 1
40 pF
A
MEMW#
ð
Note 1
40 pF
A
ZWS#
Note 2
Pull up
ð
A
RSTOUT
ð
Pull up
40 pF
A
IOCS16#
Note 2
Pull up
ð
A
MEMCS16#
Note 2
Pull up
ð
A
IOCHRDY
Note 2
Pull up
ð
A
Notes 1. Pull up when the bus hold function is used.
2. Intermediate-level input is enabled when the MPOWER pin is set for low-level output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com