Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 97 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 97 Page - NEC

Back Button VR4102 Datasheet HTML 93Page - NEC VR4102 Datasheet HTML 94Page - NEC VR4102 Datasheet HTML 95Page - NEC VR4102 Datasheet HTML 96Page - NEC VR4102 Datasheet HTML 97Page - NEC VR4102 Datasheet HTML 98Page - NEC VR4102 Datasheet HTML 99Page - NEC VR4102 Datasheet HTML 100Page - NEC VR4102 Datasheet HTML 101Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 701 page
background image
CHAPTER 3 CPU INSTRUCTION SET SUMMARY
97
Table 3-18. Special Instruction (Extended ISA) (2/2)
Instruction
Format and Description
Trap If Greater Than
Or Equal Immediate
TGEI rs, immediate
The contents of register rs are compared with 16-bit sign-extended immediate data, treating both
operands as signed integers. If the contents of register rs are greater than or equal to 16-bit sign-
extended immediate data, an exception occurs.
Trap If Greater Than
Or Equal Immediate
Unsigned
TGEIU rs, immediate
The contents of register rs are compared with 16-bit zero-extended immediate data, treating both
operands as unsigned integers. If the contents of register rs are greater than or equal to 16-bit sign-
extended immediate data, an exception occurs.
Trap If Less Than
Immediate
TLTI rs, immediate
The contents of register rs are compared with 16-bit sign-extended immediate data, treating both
operands as signed integers. If the contents of register rs are less than 16-bit sign-extended immediate
data, an exception occurs.
Trap If Less Than
Immediate Unsigned
TLTIU rs, immediate
The contents of register rs are compared with 16-bit zero-extended immediate data, treating both
operands as unsigned integers. If the contents of register rs are less than 16-bit sign-extended
immediate data, an exception occurs.
Trap If Equal
Immediate
TEQI rs, immediate
If the contents of register rs and immediate data are equal, an exception occurs.
Trap If Not Equal
Immediate
TNEI rs, immediate
If the contents of register rs and immediate data are not equal, an exception occurs.
3.2.5 System Control Coprocessor (CP0) Instructions
System control coprocessor (CP0) instructions perform operations specifically on the CP0 registers to manipulate
the memory management and exception handling facilities of the processor.
Table 3-19. System Control Coprocessor (CP0) Instructions (1/2)
Instruction
Format and Description
Move To System
Control Coprocessor
MTC0 rt, rd
The word data of general-purpose register rt in the CPU are loaded into general-purpose register rd in
the CP0.
Move From System
Control Coprocessor
MFC0 rt, rd
The word data of general-purpose register rd in the CP0 are loaded into general-purpose register rt in
the CPU.
Doubleword Move To
System Control
Coprocessor 0
DMTC0 rt, rd
The doubleword data of general-purpose register rt in the CPU are loaded into general-purpose register
rd in the CP0.
Doubleword Move
From System Control
Coprocessor 0
DMFC0 rt, rd
The doubleword data of general-purpose register rd in the CP0 are loaded into general-purpose
register rt in the CPU.
REGIMM
immediate
rs
sub
COP0
sub
rt
0
rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com