Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 48 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 48 Page - NEC

Back Button VR4102 Datasheet HTML 44Page - NEC VR4102 Datasheet HTML 45Page - NEC VR4102 Datasheet HTML 46Page - NEC VR4102 Datasheet HTML 47Page - NEC VR4102 Datasheet HTML 48Page - NEC VR4102 Datasheet HTML 49Page - NEC VR4102 Datasheet HTML 50Page - NEC VR4102 Datasheet HTML 51Page - NEC VR4102 Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 701 page
background image
CHAPTER 1 INTRODUCTION
48
Figure 1-6. Little-Endian Byte Ordering in Double Word Data
16
23
0
31
32
87
63
8
0
Lower
address
Higher
address
Double word
address
Half word
22
15
14
7
6
21
20
13
12
5
4
19
18
11
10
3
2
17
16
9
8
1
0
16 15
Word
Byte
Remarks 1. The lowest byte is the lowest address.
2. The address of word data is specified by the lowest byte’s address.
The CPU uses following byte boundaries for halfword, word, and doubleword accesses:
— Halfword: An even byte boundary (0, 2, 4...)
— Word: A byte boundary divisible by four (0, 4, 8...)
— Doubleword: A byte boundary divisible by eight (0, 8, 16...)
The following special instructions to load and store data that are not aligned on 4-byte (word) or 8-byte
(doubleword) boundaries:
LWL
LWR
SWL
SWR
LDL
LDR
SDL
SDR
These instructions are used in pairs to provide an access to misaligned data. Accessing misaligned data incurs
one additional instruction cycle over that required for accessing aligned data.
Figure 1-7 shows the access of a misaligned word that has byte address 3 for the little-endian conventions.
Figure 1-7. Misaligned Word Accessing (Little-Endian)
5
6
4
0
15
16
8
23
24
7
31
3
Lower
address
Higher
address
Bit No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com