Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 88 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 88 Page - NEC

Back Button VR4102 Datasheet HTML 84Page - NEC VR4102 Datasheet HTML 85Page - NEC VR4102 Datasheet HTML 86Page - NEC VR4102 Datasheet HTML 87Page - NEC VR4102 Datasheet HTML 88Page - NEC VR4102 Datasheet HTML 89Page - NEC VR4102 Datasheet HTML 90Page - NEC VR4102 Datasheet HTML 91Page - NEC VR4102 Datasheet HTML 92Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 701 page
background image
CHAPTER 3 CPU INSTRUCTION SET SUMMARY
88
Table 3-7. Three Operand Type Instruction (Extended ISA)
Instruction
Format and Description
Doubleword Add
DADD rd, rt, rs
The contents of register rs are added to that of register rt. The 64-bit result is stored into register rd.
An exception occurs on the generation of integer overflow.
Doubleword Add
Unsigned
DADDU rd, rt, rs
The contents of register rs are added to that of register rt. The 64-bit result is stored into register rd. No
exception occurs on the generation of integer overflow.
Doubleword Subtract
DSUB rd, rt, rs
The contents of register rt are subtracted from that of register rs. The 64-bit result is stored into register
rd. An exception occurs on the generation of integer overflow.
Doubleword Subtract
Unsigned
DSUBU rd, rt, rs
The contents of register rt are subtracted from that of register rs. The 64-bit result is stored into register
rd. No exception occurs on the generation of integer overflow.
Table 3-8. Shift Instruction
Instruction
Format and Description
Shift Left Logical
SLL rd, rs, sa
The contents of register rt are shifted left by sa bits and zeros are inserted into the emptied lower bits.
The 32-bit result is stored into register rd. In the 64-bit mode, the operand must be sign extended.
Shift Right Logical
SRL rd, rs, sa
The contents of register rt are shifted right by sa bits and zeros are inserted into the emptied higher
bits. The 32-bit result is stored into register rd. In the 64-bit mode, the operand must be sign extended.
Shift Right Arithmetic
SRA rd, rt, sa
The contents of register rt are shifted right by sa bits and the emptied higher bits are sign extended.
The 32-bit result is stored into register rd. In the 64-bit mode, the operand must be sign extended.
Shift Left Logical
Variable
SLLV rd, rt, rs
The contents of register rt are shifted left and zeros are inserted into the emptied lower bits. The lower
five bits of register rs specify the shift count. The 32-bit result is stored into register rd. In the 64-bit
mode, the operand must be sign extended.
Shift Right Logical
Variable
SRLV rd, rt, rs
The contents of register rt are shifted right and zeros are inserted into the emptied higher bits. The
lower five bits of register rs specify the shift count. The 32-bit result is stored into register rd. In the 64-
bit mode, the operand must be sign extended.
Shift Right Arithmetic
Variable
SRAV rd, rt, rs
The contents of register rt are shifted right and the emptied higher bits are sign extended. The lower
five bits of register rs specify the shift count. The 32-bit result is stored into register rd. In the 64-bit
mode, the operand must be sign extended.
op
rs
rt
funct
rd
sa
op
rs
rt
funct
rd
sa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com