Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 32 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 32 Page - NEC

Back Button VR4102 Datasheet HTML 28Page - NEC VR4102 Datasheet HTML 29Page - NEC VR4102 Datasheet HTML 30Page - NEC VR4102 Datasheet HTML 31Page - NEC VR4102 Datasheet HTML 32Page - NEC VR4102 Datasheet HTML 33Page - NEC VR4102 Datasheet HTML 34Page - NEC VR4102 Datasheet HTML 35Page - NEC VR4102 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 701 page
background image
CHAPTER 1 INTRODUCTION
32
(11) Keyboard Interface Unit (KIU)
The keyboard interface unit (KIU) has 12 scan lines and 8 detection lines. It can detect when any of 64/80/96
keys are pressed. It supports key rollover for two to three continuous strokes.
(12) Touch Panel Interface Unit (PIU)
The touch panel interface unit (PIU) detects when the touch panel is touched, by controlling the internal A/D
converter.
(13) Debug Serial Interface Unit (DSIU)
The debug serial interface unit (DSIU) is a serial interface for debugging. It supports a maximum transfer rate of
115 kbps.
(14) Serial Interface Unit (SIU)
The serial interface unit (SIU) conforms to the RS-232-C specification and is compatible with 16550. It supports
a maximum transfer rate of 1.15 Mbps. Also available is an IrDA serial interface supporting a maximum transfer
rate of 115 kbps, but this interface and the RS-232-C interface are mutually exclusive.
(15) Fast IrDA Interface Unit (FIR)
The FIR unit is a unit for performing 0.5- to 4-Mbps IrDA communication.
This unit operates based on a
dedicated 48-MHz clock input.
(16) Host Signal Processing Unit (HSP)
The HSP unit is used to realize a software modem. It interfaces the CPU core with an external codec device,
and controls them.
(17) Light Emitting Diode Unit (LED)
The LED unit is used to control the lighting of external LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com