Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 45 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 45 Page - NEC

Back Button VR4102 Datasheet HTML 41Page - NEC VR4102 Datasheet HTML 42Page - NEC VR4102 Datasheet HTML 43Page - NEC VR4102 Datasheet HTML 44Page - NEC VR4102 Datasheet HTML 45Page - NEC VR4102 Datasheet HTML 46Page - NEC VR4102 Datasheet HTML 47Page - NEC VR4102 Datasheet HTML 48Page - NEC VR4102 Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 701 page
background image
CHAPTER 1 INTRODUCTION
45
1.5.2 CPU Registers
The VR4100 CPU core has thirty two 64-bit general-purpose registers (GPRs).
In addition, the processor provides the following special, registers:
— 64-bit Program Counter (PC)
— 64-bit HI register, containing the integer multiply and divide upper doubleword result
— 64-bit LO register, containing the integer multiply and divide lower doubleword result
Two of the general-purpose registers have assigned the following functions:
— r0 is hardwired to a value of zero, and can be used as the target register for any instruction whose result is to
be discarded. r0 can also be used as a source when a zero value is needed.
— r31 is the link register used by link instruction, such as JAL/JALR instructions. This register can be used for
other instructions. However, be careful that use of the register by a link instruction will not coincide with use
of the register for other operations.
The register group is provided within the CP0, to process exceptions and to manage addresses.
CPU registers can operate as either 32-bit or 64-bit registers, depending on the VR4102 processor mode of
operation.
Figure 1-3 shows the CPU registers.
Figure 1-3. VR4102 CPU Registers
General-purpose register
r0 = 0
0
31
Multiply/divide register
32
63
HI
0
31
32
63
LO
Program Counter
0
PC
0
63
63
r1
r2
˜
˜
˜
˜
r29
r30
r31 = LinkAddress
31
32
31
32
The VR4102 has no Program Status Word (PSW) register as such; this is covered by the Status and Cause
registers incorporated within the System Control Coprocessor (CP0).
The CP0 registers are used for exception handling or address management. The overview of these registers is
described in 1.5.5 Coprocessors (CP0-CP3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com